Electronic Components Datasheet Search
  English  ▼

X  

CMMMW Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # CMMMW
Description  4:1 Input Voltage Ranges 18~30 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMMW Datasheet(HTML) 6 Page - Wall Industries,Inc.

  CMMMW Datasheet HTML 1Page - Wall Industries,Inc. CMMMW Datasheet HTML 2Page - Wall Industries,Inc. CMMMW Datasheet HTML 3Page - Wall Industries,Inc. CMMMW Datasheet HTML 4Page - Wall Industries,Inc. CMMMW Datasheet HTML 5Page - Wall Industries,Inc. CMMMW Datasheet HTML 6Page - Wall Industries,Inc. CMMMW Datasheet HTML 7Page - Wall Industries,Inc. CMMMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMMW Series
4:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module. The output voltage can
be adjusted by placing an external resistor (R) between the Trim and +Vout or –Vout terminals. By adjusting R, the output
voltage can be changed by ±10% of the nominal output voltage.
+Out
-Out
+Vin
-Vin
Trim Up
Enable
Trim
Trim Down
10K
Trim
Up/Down
A 10K, 1 or 10 turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not being
used. Connecting the external resistor (Rup) between the Trim and –Vout pins increases the output voltage to set the point as
defined in the following equation:
Rup =
(33 x Vout) - (30 x Vadj)
Vadj - Vout
Connecting the external resistor (Rdown) between the Trim and +Vout pins decreases the output voltage set point as defined
in the following equation:
Rdown =
(36.667 x Vadj) - (33 x Vout)
Vout - Vadj
Vout:
Nominal Output Voltage
Vadj:
Adjusted Output Voltage
Units
VDC / K
Ω
Maximum Capacitive Load
The CMMMW Series has a limitation of maximum connected capacitance at the output. The power module may be operated
in current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we
recommend 330μF maximum capacitive load for 12V and 15V outputs and 10,000μF capacitive load for 3.3V and 5V outputs.
The maximum capacitance can be found in the Output Voltage / Current Rating Chart.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-
ripple current is measured with an inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100KHz) to simulate
source impedance.
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0 ~ 500KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com