Electronic Components Datasheet Search
  English  ▼

X  

CMMMW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMMMW
Description  4:1 Input Voltage Ranges 18~30 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMMW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMMMW Datasheet HTML 1Page - Wall Industries,Inc. CMMMW Datasheet HTML 2Page - Wall Industries,Inc. CMMMW Datasheet HTML 3Page - Wall Industries,Inc. CMMMW Datasheet HTML 4Page - Wall Industries,Inc. CMMMW Datasheet HTML 5Page - Wall Industries,Inc. CMMMW Datasheet HTML 6Page - Wall Industries,Inc. CMMMW Datasheet HTML 7Page - Wall Industries,Inc. CMMMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMMW Series
4:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
GENERAL
Efficiency
See Table
Switching Frequency
290
330
360
KHz
Isolation Voltage Rated
60 seconds
1500
VDC
Isolation Voltage Test
Flash Test for 1 second
1650
VDC
Isolation Resistance
500VDC
1000
MΩ
Isolation Capacitance
100KHz, 1V
1200
1500
pF
Internal Power Dissipation
5,500
mW
Max. Capacitive Load
See Table
ENVIRONMENTAL
Operating Temperature (Ambient)
-40
+50
°C
Operating Temperature (Case)
-40
+105
°C
Storage Temperature
-50
+125
°C
Lead Temperature
1.5mm from case for 10 seconds
260
°C
Humidity
95
%
Cooling
Free air convection
RFI
Six-sided shielding, metal case
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
1000
Khours
Conducted EMI
EN55022 Class A
PHYSICAL
Weight
Approximately 7oz
Dimensions (L x W x H)
4.00 x 2.25 x 0.81 inches
Case Material of DC/DC Cnverter
Metal with non-conductive baseplate
Flammability
UL94V-0
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple Current
Efficiency
(Typ)
Over Voltage
Protection
Maximum
Capacitive Load
Min
Max
No Load Max Load
CMMMW24S3.3-5500
24 VDC
(10 ~ 40 VDC)
3.3 VDC
400 mA
5500 mA
20 mA
922 mA
50 mA
82%
3.9 VDC
10000 μF
CMMMW24S5-5000
5 VDC
350 mA
5000 mA
1225 mA
85%
6.8 VDC
10000 μF
CMMMW24S12-2500
12 VDC
166 mA
2500 mA
1404 mA
89%
15 VDC
1000 μF
CMMMW24S15-2000
15 VDC
133 mA
2000 mA
1404 mA
89%
18 VDC
1000 μF
CMMMW48S3.3-5500
48 VDC
(18 ~ 75 VDC)
3.3 VDC
400 mA
5500 mA
10 mA
461 mA
25 mA
82%
3.9 VDC
10000 μF
CMMMW48S5-5000
5 VDC
350 mA
5000 mA
613 mA
85%
6.8 VDC
10000 μF
CMMMW48S12-2500
12 VDC
166 mA
2500 mA
702 mA
89%
15 VDC
1000 μF
CMMMW48S15-2000
15 VDC
133 mA
2000 mA
702 mA
89%
18 VDC
1000 μF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The CMMMW series requires a minimum output loading to maintain specified regulations. Operation under no-load
conditions will not damage these devices, however they may not meet all listed specifications.
3. Other input and output voltages may be available, please contact factory.
4. Heatsink is optional. Please consult factory for ordering details.
5. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com