Electronic Components Datasheet Search
  English  ▼

X  

CMMMW Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CMMMW
Description  4:1 Input Voltage Ranges 18~30 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMMW Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CMMMW Datasheet HTML 1Page - Wall Industries,Inc. CMMMW Datasheet HTML 2Page - Wall Industries,Inc. CMMMW Datasheet HTML 3Page - Wall Industries,Inc. CMMMW Datasheet HTML 4Page - Wall Industries,Inc. CMMMW Datasheet HTML 5Page - Wall Industries,Inc. CMMMW Datasheet HTML 6Page - Wall Industries,Inc. CMMMW Datasheet HTML 7Page - Wall Industries,Inc. CMMMW Datasheet HTML 8Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMMW Series
4:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
BLOCK DIAGRAM
INPUT VOLTAGE TRANSIENT RATING
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
EFFICIENCY GRAPHS
Efficiency vs Input Voltage (Single Output)
Efficiency vs Output Load (Single Output)
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
DERATING CURVE
¡ã
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Ambient Temperature (°C)
~
Single Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com