Electronic Components Datasheet Search
  English  ▼

X  

LP3989 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3989
Description  600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3989 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3989 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP3989-01
Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP3989
Applications Information
L
ike any low-dropout regulator, the external capacitors
used with the LP3989 must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 2µF on the LP3989 input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. There is a special
attention which is the input capacitance should not be
less than output capacitance. Any good quality
ceramic or tantalum can be used for this capacitor.
The capacitor with larger value and lower ESR
(equivalent series resistance) provides better PSRR
and line-transient response. The output capacitor must
meet both requirements for minimum amount of
capacitance and ESR in all LDOs application. The
LP3989 is designed specifically to work with low ESR
ceramic output capacitor in space-saving and
performance consideration. Using a ceramic capacitor
whose value is at least 1µF with ESR is > 25mΩ on the
LP3989 output ensures stability. The LP3989 still
works well with output capacitor of other types due to
the wide stable ESR range. Output capacitor of larger
capacitance can reduce noise and improve load
transient response, stability, and PSRR. The output
capacitor should be located not more than 0.5 inch
from the VOUT pin of the LP3989 and returned to a
clean analog ground.
Start-up Function Enable Function
The LP3989 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on,
the EN turn on control level must be greater than 1.4
volts but not above Vin+0.3V. The LDO regulator will
go into the shutdown mode when the voltage on the
EN pin falls below 0.4 volts. For protecting the system,
the LP3989 have a quick-discharge function. If the
enable function is not needed in a specific application,
it may be tied to VIN to keep the LDO regulator in a
continuously on state.
Feedback Capacitor and Voltage
For adjustable version, connecting a 22pF between
output pin and FB pin significantly reduces output
voltage ripple, it is critical that the capacitor connection
should be direct and PCB traces should be as short as
possible.
The output voltage of LDO could be set by the formula
below:
Vout=VFB ×(1+R1/R2)
which VFB = 0.8V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com