Electronic Components Datasheet Search
  English  ▼

X  

LP3989 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3989
Description  600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3989 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3989 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP3989-01
Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP3989
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
5
4
3
2
1
ADJ
EN
GND
VIN
OUT
(MARKING)
SOT23-5
Pin Description
Pin
Name
Description
1
EN
Chip Enable (Active High). There is an integrated pull low 1MΩ resistor connected
to GND when the EN pin is floating.
2
GND
Ground.
3
VOUT Output Voltage. Vout=VFB ×(1+R1/R2), which VFB = 0.8V
4
VIN
Power Input Voltage.
5
ADJ
Feedback pin. The reference voltage is 0.8V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com