Electronic Components Datasheet Search
  English  ▼

X  

LP3989 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3989
Description  600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3989 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3989 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP3989-01
Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP3989
VOUT(V)
R2(KΩ)
R1(KΩ)
1.2
51
25.5
1.5
51
44.6
1.8
51
63.8
2
47
70.5
2.5
47
99.9
2.8
47
117.5
3
33
90.8
3.3
33
103.1
3.5
33
111.4
4
33
132.0
4.2
33
140.3
4.5
33
152.6
Considering the practical application, we may add a
small capacitor with R1 in parallel which could be 22pF
or 47pF.
Thermal Considerations(for SOT23-5)
Thermal protection limits power dissipation in LP3989.
When the operation junction temperature exceeds
150°C, the OTP circuit starts the thermal shutdown
function turn the pass element off. The pass element
turns on again after the junction temperature cools by
25°C. For continue operation, do not exceed absolute
maximum operation junction temperature 125°C.
The power dissipation definition in device is:
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout, the rate
of surroundings airflow and temperature difference
between junction and ambient.
The maximum power dissipation can be calculated by
following formula:
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature and
the θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification
of LP3989, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (θJA is layout dependent) for SOT23-5
package is 195°C/W.
PD(MAX) = (125°C−25°C) / 195 = 500mW (SOT23-5)
The maximum power dissipation depends on
operating ambient temperature for fixed TJ(MAX) and
thermal resistance θJA. Considering the PCB thermal
feather, the PD(MAX) may be higher than 500mW.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com