Electronic Components Datasheet Search
  English  ▼

X  

LP3989 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3989
Description  600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3989 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3989 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3989 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LP3989-01
Aug.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 8
Preliminary Datasheet
LP3989
600mA,Ultra-low noise, Small Package,
Ultra-Fast CMOS LDO Regulator
General Description
The LP3989 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The LP3989 performance is optimized
for battery-powered systems to deliver ultra low noise
and low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging
the battery life. The LP3989 also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The LP3989 consumes
less than 0.01µA in shutdown mode and has fast
turn-on time less than 50µs. The other features include
ultra low dropout voltage, high feedback accuracy,
current limiting protection, and high ripple rejection
ratio. It is available in the 5-lead of SOT23-5
packages.
Order Information
LP3989 □ □ □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Output Type
12: 1.2V
18: 1.8V
25: 2.5V
33: 3.3V
Features
Ultra-Low-Noise for RF Application
2.2V- 6V Input Voltage Range
Low Dropout : 280mV @ 400mA
600mA Output Current, 750mA Peak Current
High PSRR: -68dB at 1KHz
< 0.01uA Standby Current When Shutdown
Available in SOT23-5 and SOT223 Package
Ultra-Fast Response in Line/Load transient
Current Limiting and Thermal Shutdown
Protection
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
LCD
DSC Sensor
Wireless Card
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3989AB5F
SOT23-5
3K/REEL
GND
2
EN
1
VIN
4
OUT
3
ADJ
5
LP3989AB5F
Chip Enable
2.2uF
Vin
2.2uF
R1
R2
Vout
22pF


Similar Part No. - LP3989

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3980 POWER-LP3980 Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3980-12B3F POWER-LP3980-12B3F Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3980-12B5F POWER-LP3980-12B5F Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3980-12QVF POWER-LP3980-12QVF Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
LP3980-15B3F POWER-LP3980-15B3F Datasheet
492Kb / 10P
500mA,Ultra-low noise, Small Package
More results

Similar Description - LP3989

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Leshan Radio Company
LR9193 LRC-LR9193 Datasheet
802Kb / 9P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
LR9198 LRC-LR9198 Datasheet
734Kb / 12P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP3983S POWER-LP3983S Datasheet
511Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3986H POWER-LP3986H Datasheet
514Kb / 6P
600mA,Ultra-low Noise LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com