Electronic Components Datasheet Search
  English  ▼

X  

LP6283 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

Back Button LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 10
Preliminary Datasheet
LP6283
Absolute Maximum Ratings
Note 1
IN2, INVL SUPN, FSEL to GND -----------------------------------------------------------------------------
-0.3V to +16.5V
SUPP, GD_I, OPS, LDO_I to GND -------------------------------------------------------------------------
-0.3V to +20V
DRVP to CPGND ------------------------------------------------------------------------------------------------
−0.3V to (VSUPP + 0.3V)
DRVN to GND ----------------------------------------------------------------------------------------------------
−0.3V to (VSUPN + 0.3V)
OPO, OPP, OPN to OGND -----------------------------------------------------------------------------------
−0.3V to (VOPS + 0.3V)
LDO_O to GND ---------------------------------------------------------------------------------------------------
−0.3V to (VLDO + 0.3V)
FB1, FB2, FBP, FBN, GVOFF, DLY, LDO_FB, THR, EN to GND --------------------------------
−0.3V to 6.5V
OUT, REF, COMP, SS,XAO, VDET, CLIM to GND ----------------------------------------------------
−0.3V to 6.5V
PGND, OGND, CPGND to GND ----------------------------------------------------------------------------
±0.3V
BST to PGND ----------------------------------------------------------------------------------------------------
−0.3V to 20V
LX1 to PGND -----------------------------------------------------------------------------------------------------
−0.3V to 20V
LX2 to PGND -----------------------------------------------------------------------------------------------------
−0.3V to (IN2+0.3V)
VGHM, VGH, DRN to GND -----------------------------------------------------------------------------------
−0.3V to 40V
VGH to VGHM ----------------------------------------------------------------------------------------------------
−0.3V to 40V
VGH, VGHM to DRN --------------------------------------------------------------------------------------------
−0.3V to 40V
Operating Junction Temperature Range (TJ) ---------------------------------------------------------- -40
℃ to 150℃
Operation Ambient Temperature Range----------------------------------------------------------------
-40°C to +85°C
Storage Temperature Range ------------------------------------------------------------------------------ -65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec) ------------------------------------------------- +260°C
Maximum Junction Temperature ------------------------------------------------------------------------- 150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
TQFN-48 7x7,
θJA ------------------------------------------------------------------------------------------- 35°C/W
TQFN-48 7x7,
θJC ---------------------------------------------------------------------------------------------- 6°C/W
ESD Susceptibility
HBM(Human Body Mode)
Note 2
----------------------------------------------------------------------- 2KV
MM(Machine Mode)
Note 3
------------------------------------------------------------------------------- 200V
Note 2.
The Human body model (HBM) is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The testing is done according
JEDEC.
Note 3.
Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testing is
done according JEDEC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com