Electronic Components Datasheet Search
  English  ▼

X  

LP6283 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 10 of 10
Preliminary Datasheet
LP6283
Outline Information
TQFN-48 (7mm X 7mm) pitch 0.5mm (Unit: mm)
LPS
LP6283
YWX
D
E
1
E2
D2
A1
A
A3
e
b
L
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.700
0.800
A1
0.000
0.050
A3
0.175
0.250
b
0.200
0.300
D
6.950
7.050
D2
5.050
5.250
E
6.950
7.050
E2
5.050
5.250
L
0.350
0.450
e
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com