Electronic Components Datasheet Search
  English  ▼

X  

LP6283 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6283
Description  Power Management ICs for TV / Monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6283 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6283 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6283 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP6283–00
Version 0.0
Jul.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP6283
Current-Sense Transresistance
RCS
0.3
V/A
Soft-Start Ramp Time
TSS2
3
ms
FB2 UVP Trip Level
VUVP2
Falling edge
1
V
Duration to Trigger UVP Condition
TUVP2
50
ms
FB2 SCP Trip Level
VSCP2
Falling edge
0.5
V
Positive Charge-Pump Regulator
FBP Reference Voltage
VFBP
1.225
1.25
1.275
V
FBP Line Regulation Error
VIN = 10.8V to 13.2V
6
mV/V
DRVP P-MOSFET On-Resistance
RDS(ON)
2
Ω
DRVP N-MOSFET On-Resistance
RDS(ON)
1
Ω
Soft-Start Ramp Time
TSSP
3
ms
FBP UVP Trip Level
VUVPP
Falling edge
1
V
Duration to Trigger Fault Condition
TUVPP
50
ms
FBP Short-Circuit Level
VSCPP
Falling edge
0.5
V
Negative Charge-Pump Regulator
FBN Regulation Voltage
VFBN
0.21
0.25
0.29
V
Final FBN Regulation Voltage
VREF − VFBN
0.98
1
1.02
V
FBN Line Regulation Error
VIN = 10.8V to 13.2V
6
mV/V
DRVN P-MOSFET On-Resistance
RDS(ON)
6
Ω
DRVN N-MOSFET On-Resistance
RDS(ON)
2
Ω
Soft-Start Ramp Time
TSSN
3
ms
FBN UVP Trip Level
VUVPN
VREF - VFBN
0.4
V
Duration to Trigger Fault Condition
TUVPN
50
ms
FBN Short Circuit Protection Level
VSCPN
VREF - VFBN
0.8
V
Sequence Control
EN Input Low Voltage
VENL
0.6
V
EN Input High Voltage
VENH
1.5
5.5
V
DLY Capacitor Charge Current
IDLY
8
μA
VDL Turn-On Threshold
1.25
V
GD Output Sink Current
EN = High, VGD_I = VIN
10
μA
GD On-Voltage
EN = High, VGD_I = VIN
VIN
−5
V
Gate Pulse Modulator (GPM)
GVOFF Input Low Voltage
0.6
V
GVOFF Input High Voltage
1.5
5.5
V
GVOFF Input Leakage Current
−1
1
μA
GVOFF-to-VGHM Rising
Propagation Delay
1
kΩ from DRN to GND,
1.5nF from VGHM to GND
100
ns
GVOFF-to-VGHM Falling
Propagation Delay
1
kΩ from DRN to GND,
1.5nF from VGHM to GND
250
ns
VGH Input Current
VDLY = GVOFF = 3V
50
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com