Electronic Components Datasheet Search
  English  ▼

X  

PALCE26V12 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 3 Page - Advanced Micro Devices

  PALCE26V12 Datasheet HTML 1Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 2Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 3Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 4Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 5Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 6Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 7Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 8Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AMD
2–308
PALCE26V12H-7/10/15/20 (Com’l), H-10/15/20 (Ind)
ORDERING INFORMATION
Commercial and Industrial Products
AMD commercial and industrial programmable logic products are available with several ordering options. The order
number (Valid Combination) is formed by a combination of:
JC
Valid Combinations
Valid Combinations
PAL
CE
26 V 12
-7
P
FAMILY TYPE
PAL = Programmable Array Logic
NUMBER OF
ARRAY INPUTS
OUTPUT TYPE
V = Versatile
NUMBER OF OUTPUTS
SPEED
-7 = 7.5 ns tPD
-10 = 10 ns tPD
-15 = 15 ns tPD
-20 = 20 ns tPD
PACKAGE TYPE
P = 28-Pin 300 mil Plastic
SKINNYDIP (PD3028)
J = 28-Pin Plastic Leaded Chip
Carrier (PL 028)
OPERATING CONDITIONS
C = Commercial (0
°C to +75°C)
I = Industrial (–40
°C to +85°C)
OPTIONAL PROCESSING
Blank = Standard Processing
TECHNOLOGY
CE = CMOS Electrically Erasable
/4
C
PROGRAMMING DESIGNATOR
/4 = First Revision
(May require programmer
update)
H
POWER
H= Half Power (115 mA ICC)
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the lo-
cal AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
PALCE26V12H-7
PALCE26V12H-10
PALCE26V12H-15
PALCE26V12H-20
/4
PC, JC, PI, JI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com