Electronic Components Datasheet Search
  English  ▼

X  

PALCE26V12 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 1 Page - Advanced Micro Devices

  PALCE26V12 Datasheet HTML 1Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 2Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 3Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 4Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 5Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 6Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 7Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 8Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Publication# 16072
Rev. E
Amendment /0
Issue Date: February 1996
2-306
PALCE26V12 Family
28-Pin EE CMOS Versatile PAL Device
FINAL
COM’L: H-7/10/15/20
IND: H-10/15/20
DISTINCTIVE CHARACTERISTICS
s 28-pin versatile PAL programmable logic
device architecture
s Electrically erasable CMOS technology
provides half power (only 115 mA) at high
speed (7.5 ns propagation delay)
s 14 dedicated inputs and 12 input/output
macrocells for architectural flexibility
s Macrocells can be registered or combinatorial,
and active high or active low
s Varied product term distribution allows up to
16 product terms per output
s Two clock inputs for independent functions
s Global asynchronous reset and synchronous
preset for initialization
s Register preload for testability and built-in
register reset on power-up
s Space-efficient 28-pin SKINNYDIP and PLCC
packages
s Center V
CC and GND pins to improve signal
characteristics
s Extensive third-party software and programmer
support through FusionPLD partners
GENERAL DESCRIPTION
The PALCE26V12 is a 28-pin version of the popular
PAL22V10 architecture. Built with low-power, high-
speed, electrically-erasable CMOS technology, the
PALCE26V12 offers many unique advantages.
Device logic is automatically configured according to
the user’s design specification. Design is simplified by
design software, allowing automatic creation of a
programming file based on Boolean or state equations.
The software can also be used to verify the design and
can provide test vectors for the programmed device.
The PALCE26V12 utilizes the familiar sum-of-products
(AND/OR) architecture that allows users to implement
complex logic functions easily and efficiently. Multiple
levels of combinatorial logic can always be reduced
to sum-of-products form, taking advantage of the
very wide input gates available in PAL devices. The
functions are programmed into the device through
electrically-erasable floating-gate cells in the AND logic
array and the macrocells. In the unprogrammed state,
all AND product terms float HIGH. If both true and
complement of any input are connected, the term will be
permanently LOW.
The product terms are connected to the fixed OR array
with a varied distribution from 8 to 16 across the outputs
(see Block Diagram). The OR sum of the products feeds
the output macrocell. Each macrocell can be pro-
grammed as registered or combinatorial, active high or
active low, with registered I/O possible. The flip-flop can
be clocked by one of two clock inputs. The output
configuration is determined by four bits controlling three
multiplexers in each macrocell.
AMD’s FusionPLD program allows PALCE26V12
designs to be implemented using a wide variety of
popular industry-standard design tools. By working
closely with the FusionPLD partners, AMD certifies that
the tools provide accurate, quality support. By ensuring
that third-party tools are available, costs are lowered
because a designer does not have to buy a complete set
of new tools for each device. The FusionPLD program
also greatly reduces design time since a designer can
use a tool that is already installed and familiar. Please
refer to the PLD Software Reference Guide for certified
development systems and the Programmer Reference
Guide for approved programmers.


Similar Part No. - PALCE26V12

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE26V12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Cypress Semiconductor
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Cypress Semiconductor
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
Flash-Erasable Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com