Electronic Components Datasheet Search
  English  ▼

X  

PALCE26V12 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # PALCE26V12
Description  28-Pin EE CMOS Versatile PAL Device
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button PALCE26V12 Datasheet HTML 11Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 12Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 13Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 14Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 15Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 16Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 17Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 18Page - Advanced Micro Devices PALCE26V12 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AMD
2–320
PALCE26V12 Family
TYPICAL ICC CHARACTERISTICS FOR THE PALCE26V12H-7/10
VCC = 5.0 V, TA = 25
°C
16072E-14
150
125
100
75
50
25
0
0
10
203040
50
ICC (mA)
Frequency (MHz)
The selected “typical” pattern utilized 50% of the device resources. Half of the macrocells were programmed as registered, and the
other half were programmed as combinatorial. Half of the available product terms were used for each macrocell. On any vector,
half of the outputs were switching.
By utilizing 50% of the device, a midpoint is defined for ICC. From this midpoint, a designer may scale the ICC graphs up or down to
estimate the ICC requirements for a particular design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com