Electronic Components Datasheet Search
  English  ▼

X  

MPQ2918GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MPQ2918GL
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MPQ2918GL Datasheet HTML 16Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 17Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 18Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 19Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 20Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 21Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 22Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 23Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
20
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Error Amplifier (EA)
The error amplifier (EA) compares VFB with the
internal 0.8V reference and outputs a current
proportional to the difference between the two
input voltages. This output current is used to
charge or discharge the external compensation
network to form VCOMP, which is used to control
the power MOSFET current. Adjusting the
compensation network from COMP to SGND
optimizes the control loop for good stability or
fast transient response.
Current Limit Function
The MPQ2918 has three fixed current limit
options: 25mV, when ILIM is connected to
SGND; 50mV, when ILIM is connected to VCC1;
and 75mV, when ILIM is floating.
When the peak value of the inductor current
exceeds the set current-limit threshold, the
output voltage begins dropping until FB is
37.5% below the reference. The MPQ2918
enters hiccup mode to restart the part
periodically. The frequency is lowered when FB
is below 0.4V. This protection mode is
especially useful when the output is dead-
shorted to ground. The average short-circuit
current is reduced greatly to alleviate thermal
issues. The MPQ2918 exits hiccup mode once
the over-current condition is removed.
Low Dropout Operation
In low dropout mode, the MPQ2918 is designed
to operate in high-side fully on mode for as long
as the voltage difference across BST - SW is
greater than 3.05V, improving dropout. When
the voltage from BST to SW drops below 3.05V,
a UVLO circuit turns off the HS-FET. At the
same time, the low-side MOSFET (LS-FET)
turns on to refresh the charge on the BST
capacitor. After the BST capacitor voltage is re-
charged, the HS-FET turns on again to regulate
the output. Since the supply current sourced
from the BST capacitor is low, the HS-FET can
remain on for more switching cycles than are
required
to
refresh
the
BST
capacitor,
increasing the effective duty cycle of the
switching regulator. Low dropout operation
makes the MPQ2918 suitable for automotive
cold-crank applications.
Power Good (PG) Function
The MPQ2918 includes an open-drain power
good (PG) output that indicates whether the
regulator’s output is within ±10% of its nominal
value. When the output voltage falls outside of
this range, the PG output is pulled low. PG
should be connected to a voltage source no
more than 5V through a resistor (e.g.: 100kΩ).
The PG delay time is 28µs.
Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the chip starts up, the
internal circuitry generates a soft-start voltage
that ramps up from 0V to 1.2V. When it is lower
than REF, SS overrides REF, so the error
amplifier uses SS as the reference. When SS is
higher than REF, REF regains control.
An external capacitor connected from SS to
SGND is charged from an internal 4μA current
source, producing a ramped voltage. The soft-
start time (tSS) is set by the external SS
capacitor and can be calculated by Equation (3):


 

μA
I
V
V
nF
C
ms
t
SS
REF
SS
SS
(3)
Where CSS is the external SS capacitor, VREF is
the internal reference voltage (0.8V), and ISS is
the 4μA SS charge current. There is no internal
SS capacitor. SS is reset when a fault
protection other than over-voltage protection
(OVP) occurs.
Output Over-Voltage Protection (OVP)
The output over-voltage is monitored by VFB. If
VFB is typically 15% higher than the reference,
the MPQ2918 enters discharge mode. The HS-
FET turns off, and the LS-FET turns on. The
LS-FET remains on until the reverse current
limit is triggered. The LS-FET then turns off,
and the inductor current increases to 0. The LS-
FET is turned on again after ZCD is triggered.
The MPQ2918 works in discharge mode until
the over-voltage condition is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com