Electronic Components Datasheet Search
  English  ▼

X  

MPQ2918GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2918GL
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2918GL Datasheet HTML 1Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 2Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 3Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 4Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 5Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 6Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 7Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 8Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MPQ2918
4V - 40V Input, Current Mode,
Synchronous, Step-Down Controller
AEC-Q100 Qualified
MPQ2918 Rev. 1.01
www.MonolithicPower.com
1
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ2918 is a high-voltage, synchronous,
step-down controller that steps down voltages
directly from up to 40V. The MPQ2918 uses
pulse-width modulation (PWM) current control
architecture
with
accurate
cycle-by-cycle
current limiting and is capable of driving dual N-
channel MOSFETs.
Advanced asynchronous mode (AAM) enables
non-synchronous operation to optimize light-
load efficiency.
The operating frequency of the MPQ2918 can
be programmed by an external resistor or
synchronized to an external clock for noise-
sensitive applications. Full protection features
include precision output over-voltage protection
(OVP), output over-current protection (OCP),
and thermal shutdown.
The MPQ2918 is available in TSSOP20-EP and
QFN-20 (3mmx4mm) packages.
FEATURES
 Wide 4V to 40V Operating Input Range
 Dual N-Channel MOSFET Driver
 0.8V Voltage Reference with ±1.5%
Accuracy Over Temperature
 Low Dropout Operation: Maximum Duty
Cycle at 99.5%
 Programmable Frequency Range: 100kHz -
1000kHz
 External Sync Clock Range: 100kHz -
1000kHz
 180° Out-of-Phase SYNCO Pin
 Programmable Soft Start (SS)
 Power Good (PG) Output Voltage Monitor
 Selectable Cycle-by-Cycle Current Limit
 Output Over-Voltage Protection (OVP)
 Over-Current Protection (OCP)
 Internal LDO with External Power Supply
Option
 Programmable Forced CCM and AAM
 Available in TSSOP20-EP and QFN-20
(3mmx4mm) Packages
 AEC-Q100 Grade-1
APPLICATIONS
 Automotive
 Industrial Control Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under quality
assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ2918GL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ2906 MOTOROLA-MPQ2906 Datasheet
211Kb / 5P
QUAD SWITCHING TRANSISTOR
logo
Central Semiconductor C...
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2906 CENTRAL-MPQ2906_15 Datasheet
417Kb / 2P
PNP SILICON QUAD TRANSISTOR
MPQ2907 CENTRAL-MPQ2907 Datasheet
137Kb / 1P
QUAD TRANSISTORS
More results

Similar Description - MPQ2918GL

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
logo
Monolithic Power System...
MPQ2908A MPS-MPQ2908A Datasheet
1Mb / 30P
4V - 60V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4431 MPS-MPQ4431 Datasheet
1Mb / 28P
36V, 1A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4432 MPS-MPQ4432 Datasheet
2Mb / 31P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4569-AEC1 MPS-MPQ4569-AEC1 Datasheet
1Mb / 17P
75V, 0.3A Synchronous Step-Down Converter AEC-Q100 Qualified
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP2918 MPS-MP2918 Datasheet
1Mb / 30P
4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com