Electronic Components Datasheet Search
  English  ▼

X  

MPQ2918GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2918GL
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2918GL Datasheet HTML 7Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 8Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 9Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 10Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 11Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 12Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 13Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 14Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
11
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 24V, VOUT = 5V, L = 4.7µH, AAM, FSW = 500kHz, TA = +25°C, unless otherwise noted.
VIN (V)
LOAD CURRENT (mA)
0
5
10
15
20
25
30
35
40
012345678
1
10
100
1000
10000
Case Temperature Rise
vs. Load Current
IOUT (mA )
0
10
20
30
40
50
60
70
80
90
100
LOAD CURRENT (A )
LOAD CURRENT (mA )
60
65
70
75
80
85
90
95
100
10
100
1000
10000
10
100
1000
10000
VIN=12V
VIN=24V
VIN=36V
VIN=40V
VIN=12V
VIN=24V
VIN=36V
VIN=40V
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
10
15
20
25
30
35
40
IOUT=8A
IOUT=0A
IOUT=4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com