Electronic Components Datasheet Search
  English  ▼

X  

MPQ2918GL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ2918GL
Description  4V - 40V Input, Current Mode, Synchronous, Step-Down Controller AEC-Q100 Qualified
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2918GL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ2918GL Datasheet HTML 1Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 2Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 3Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 4Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 5Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 6Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 7Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 8Page - Monolithic Power Systems MPQ2918GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MPQ2918 – 4V - 40V, CURRENT MODE, SYNC, STEP-DOWN CONTROLLER
MPQ2918 Rev. 1.01
www.MonolithicPower.com
3
8/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TOP MARKING (MPQ2918GLE-AEC1)
MP: MPS prefix
Y: Year code
W: Week code
2918: Product code of MPQ2918GLE-AEC1
LLL: Lot number
E: Wettable lead flank
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
SYNCO
VCC1
VCC2
COMP
FB
SS
SGND
BG
PGND
SW
SENSE+
SENSE-
MPQ2918
1
2
3
4
5
6
16
15
14
13
12
11
TSSOP-20 EP
QFN-20 (3mmx4mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com