Electronic Components Datasheet Search
  English  ▼

X  

MPQ4568 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4568
Description  Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4568 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4568 Datasheet HTML 1Page - Monolithic Power Systems MPQ4568 Datasheet HTML 2Page - Monolithic Power Systems MPQ4568 Datasheet HTML 3Page - Monolithic Power Systems MPQ4568 Datasheet HTML 4Page - Monolithic Power Systems MPQ4568 Datasheet HTML 5Page - Monolithic Power Systems MPQ4568 Datasheet HTML 6Page - Monolithic Power Systems MPQ4568 Datasheet HTML 7Page - Monolithic Power Systems MPQ4568 Datasheet HTML 8Page - Monolithic Power Systems MPQ4568 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MPQ
4568―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4568 Rev. 1.0
www.MonolithicPower.com
3
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TJ= -40°C to 125°C, unless otherwise noted. Typical values are at TJ=25°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Quiescent Current
No load, VFB=1.2V, TJ=25°C
20
25
μA
No load, VFB=1.2V
50
μA
Shutdown Supply Current
VEN < 0.3V
2
5
μA
VIN UVLO Rising Threshold
3.75
4.0
4.25
V
VIN UVLO Falling Threshold
3.25
3.5
3.75
V
VIN UVLO Hysteresis
0.5
V
VIN OVP Rising Threshold
47
50
53
V
VIN OVP Falling Threshold
45.5
48
50.5
V
VIN OVP Hysteresis
2
V
Feedback Voltage
VIN = 4.5V to 45V,
TJ =25 °C
0.99
1
1.01
V
VIN = 4.5V to 45V
0.98
1
1.02
V
Feedback Current
VFB=1V
-50
2
50
nA
FB OVP Hysteresis
TJ =25 °C
35
60
85
mV
Upper Switch On Resistance
VBST-VSW=5V, ISW =50mA, TJ =25
°C
1.75
2.25
2.75
Ω
VBST-VSW=5V, ISW =50mA
1.5
4
Ω
Lower Switch On Resistance
VBIAS=5V, ISW=50mA,
TJ =25 °C
0.55
0.7
0.85
Ω
VBIAS=5V, Isw=50mA
0.5
1.1
Ω
Switch Leakage
VEN = 0V, VSW = 0V or 12V
0.01
1
μA
Peak Current Limit
ILIM floating
30
55
80
mA
ILIM=200kΩ
75
110
135
mA
ILIM=0
200
260
320
mA
Minimum Switch On Time
(5)
100
ns
Enable Rising Threshold
Low-to-High
1.4
1.6
1.8
Enable Falling Threshold
High-to-Low
1.05
1.2
1.35
V
Enable Current
VEN =2.4V
1.2
1.5
μA
ENHY Sink Current Capability
Sink 4mA
0.4
V
Soft Start Current
2.5
3
4
μA
Built-in Soft Start Time
SS pin floating
1
ms
Thermal Shutdown
(5)
160
°C
Thermal Shutdown Hysteresis
(5)
20
°C
Notes:
5) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com