Electronic Components Datasheet Search
  English  ▼

X  

MPQ4568 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ4568
Description  Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4568 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ4568 Datasheet HTML 4Page - Monolithic Power Systems MPQ4568 Datasheet HTML 5Page - Monolithic Power Systems MPQ4568 Datasheet HTML 6Page - Monolithic Power Systems MPQ4568 Datasheet HTML 7Page - Monolithic Power Systems MPQ4568 Datasheet HTML 8Page - Monolithic Power Systems MPQ4568 Datasheet HTML 9Page - Monolithic Power Systems MPQ4568 Datasheet HTML 10Page - Monolithic Power Systems MPQ4568 Datasheet HTML 11Page - Monolithic Power Systems MPQ4568 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MPQ
4568―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4568 Rev. 1.0
www.MonolithicPower.com
8
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. Positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.
2
SW
Switch Node. Output from the high-side switch and internal Schottky diode.
3
GND
Ground. Connected the output capacitor as close as possible to avoid high-current switch
paths.
4
BIAS
Controller Bias Input. Supplies current to the internal circuit when VBIAS>2.9V and power
LS driver when VBIAS>4.5V.
5
FB
Feedback. Input to the error amplifier. Connected to the tap of an external resistive divider
between the output and GND. Sets the regulation voltage when compared to the internal
1V reference.
6
ILIM
Peak Current Limit. A resistor from ILIM to GND sets the peak current limit.
7
SS
Soft-Start Control Input. Connect a capacitor from SS to GND to set the soft-start period.
8
ENHY
EN Indicator Open Drain Output. Goes low when EN falls below 1.2V.
9
EN
Enable Input. Pull this pin below the low threshold to shut the chip down. Pull it above the
high threshold enables the chip. Float this pin to shut the chip down.
10
IN
Input Supply. Requires a decoupling capacitor to ground to reduce switching spikes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com