Electronic Components Datasheet Search
  English  ▼

X  

MPQ4568 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4568
Description  Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4568 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4568 Datasheet HTML 1Page - Monolithic Power Systems MPQ4568 Datasheet HTML 2Page - Monolithic Power Systems MPQ4568 Datasheet HTML 3Page - Monolithic Power Systems MPQ4568 Datasheet HTML 4Page - Monolithic Power Systems MPQ4568 Datasheet HTML 5Page - Monolithic Power Systems MPQ4568 Datasheet HTML 6Page - Monolithic Power Systems MPQ4568 Datasheet HTML 7Page - Monolithic Power Systems MPQ4568 Datasheet HTML 8Page - Monolithic Power Systems MPQ4568 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPQ4568
Industrial Grade, 60V, 100mA
Synchronous Step-Down Converter
MPQ4568 Rev. 1.0
www.MonolithicPower.com
1
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4568 is a high-frequency, step-down,
switching
regulator
with
integrated
high-
side/low-side, high-voltage power MOSFETs. It
provides a highly efficient output of up to
100mA.
60V rated MOSFETs and 4.5V to 45V operation
range accommodates a variety of step-down
applications in automotive input environment. A
5
μA shutdown mode quiescent current allows
use in battery-powered applications.
It allows for high power conversion efficiency
over a wide load range by scaling down the
switching frequency under light-load condition
to reduce the switching and gate driver losses.
The switching frequency during start-up and
short circuit also can be scaled down to helps
prevent inductor current runaway. Thermal
shutdown
provides
reliable,
fault-tolerant
operation.
The MPQ4568 is available in a 3mmx3mm
QFN10 package.
FEATURES
 20μA Quiescent Current
 Wide 4.5V to 45V Operating Range with 50V
Input OVP
 60V Integrated MOSFETs with 0.7Ω and
2.25Ω Ron
 Programmable Switching Frequency
 Stable with Ceramic Output Capacitors
 Low Output Ripple
 Programmable Soft-Start
 Adjustable Input UVLO Hysteresis
 Precision Peak Current Limit without
Current-Sensing Resistor
 Programmable Peak Current Limit
 >90% Efficiency at 10V VIN to 5V V
OUT/2mA
 1.0V Feedback Reference Voltage
 Low Shutdown Mode Current: <5μA
 3mmx3mm QFN10 Package
APPLICATIONS
 4mA to 20mA Current Loops
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
EN
C1
SW
2
EN
9
ENHY
8
ILIM
6
IN
10
FB
5
BIAS
4
MPQ4568
SS
7
U1
R3
C2
L1
C3
VOUT
5V/100mA
2M
10uF
22uF
100uH
0.1uF
R1
300k
R2
1.2M
R4
100k


Similar Part No. - MPQ4568

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4568GQ MPS-MPQ4568GQ Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
More results

Similar Description - MPQ4568

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4568 MPS-MP4568 Datasheet
946Kb / 16P
60V, 100mA Synchronous Step-Down Converter
MPQ4456 MPS-MPQ4456 Datasheet
553Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4458 MPS-MPQ4458 Datasheet
362Kb / 16P
Industrial Grade ,1A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3631 LINER-LTC3631_15 Datasheet
532Kb / 22P
High Efficiency, High Voltage 100mA Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MPQ2249 MPS-MPQ2249 Datasheet
342Kb / 14P
Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ4568-Q-00A MPS-EVQ4568-Q-00A Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com