Electronic Components Datasheet Search
  English  ▼

X  

MPQ4568 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4568
Description  Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4568 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4568 Datasheet HTML 7Page - Monolithic Power Systems MPQ4568 Datasheet HTML 8Page - Monolithic Power Systems MPQ4568 Datasheet HTML 9Page - Monolithic Power Systems MPQ4568 Datasheet HTML 10Page - Monolithic Power Systems MPQ4568 Datasheet HTML 11Page - Monolithic Power Systems MPQ4568 Datasheet HTML 12Page - Monolithic Power Systems MPQ4568 Datasheet HTML 13Page - Monolithic Power Systems MPQ4568 Datasheet HTML 14Page - Monolithic Power Systems MPQ4568 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MPQ
4568―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ4568 Rev. 1.0
www.MonolithicPower.com
11
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Under-Voltage Lockout
VIN under voltage lockout (UVLO) protects the
chip from operating below the operational supply
voltage range. The UVLO-rising threshold is
about 4V while its trailing threshold is about 3.5V.
Soft-Start
Reference-type soft-start prevents the converter
output voltage from overshooting during startup.
When the chip starts, the internal circuitry
generates a constant current to charge external
SS capacitor. The soft-start (SS) voltage slowly
ramps up from 0V at a slow pace set by the soft-
start time. When VSS is less than the VREF, VSS
overrides VREF so the error amplifier uses VSS
instead of VREF as the reference. When VSS is
higher than VREF, VREF resumes control.
VSS is also associated with VFB. Though VSS can
be much smaller than VFB, it can only barely
exceed VFB. If somehow VFB drops, VSS tracks
VFB. This function aides in short-circuit recovery:
when a short-circuit is removed, the SS ramps up
as if it is a fresh soft-start process. This prevents
output voltage overshoot.
Thermal Shutdown
Thermal
shutdown
prevents
the
chip
from
thermally running away. When the silicon die
temperature exceeds its upper threshold, the
thermal shutdown feature shuts down the whole
chip. When the temperature falls below its lower
threshold, the chip resumes function.
Floating Driver and Bootstrap Charging
The external bootstrap capacitor powers the
floating MOSFET driver. This floating driver has
its own UVLO protection, with a rising threshold
of about 2.4V with a hysteresis of about 300mV.
During this UVLO, the SS voltage of the
controller resets to zero. When the UVLO is
disabled, the controller follows the soft-start
process.
The
dedicated
internal
bootstrap
regulator
charges and regulates the bootstrap capacitor to
about 5V. When the voltage difference between
BST and SW falls below its working parameters,
a PMOS pass transistor connected from VIN to
BST turns on to charge the bootstrap capacitor.
The current path is from VIN to BST and then to
SW. The external circuit must have enough
voltage headroom to accommodate charging.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can charge. When the power
MOSFET is ON, VIN is about equal to SW so the
bootstrap capacitor cannot charge. The best
charging period occurs when the external free-
wheeling diode is on so that VIN - VSW is at its
largest. When there is no current in the inductor,
VSW equals VOUT so the difference between VIN
and VOUT can charge the bootstrap capacitor.
Under higher duty cycle operating conditions, the
time period may not fully-charge the capacitor.
If the external circuit does not have sufficient
voltage
and
time
to
charge
the
bootstrap
capacitor, extra external circuitry can be used to
ensure the bootstrap voltage in normal operation
region.
Startup and Shutdown
If both VIN and VEN are higher than their
appropriate thresholds, the chip starts operating.
The reference block starts first, generating stable
reference voltage and currents, and then enables
the internal regulator. The regulator provides
stable supply for the rest device.
While the internal supply rail is high, an internal
timer holds the power MOSFET off for about
50µsec to blank startup glitches. When the
internal soft-start block is enabled, it first holds its
SS output low and then slowly ramps up.
Three events shut down the chip: VEN low, VIN
low,
and
junction
temperature
triggers
the
thermal shutdown threshold. For shutdown, the
signaling path is blocked first to avoid any fault
triggering. Internal supply rail are pulled down
then. The floating driver is not subject to this
shutdown command, but its charging path is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com