Electronic Components Datasheet Search
  English  ▼

X  

VSC837 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC837 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 10
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Output Termination
The high-speed outputs of the VSC837 are internally back terminated by 50
Ω to V
CC when the
TERM_CTRL pin is HIGH. When this pin is LOW, the output driver functions as an open-drain CML driver.
Setting DRIVE_CTRL LOW (GND) saves 2W under maximum power dissipation conditions. See Table 9 for
allowable types of terminations and modes of operation.
Table 9: Allowed High-Speed Output Terminations and Modes of Operation
NOTE: (1) Measured at output of VSC837, with VCC = 2.5V.
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC) Potential to GND ................................................................................-0.5V to +4.V
TTL Input Voltage Applied .....................................................................................................-0.5V to VCC+1.0V
ECL Input Voltage Applied ....................................................................................................-0.5V to VCC +0.5V
Output Current (IOUT) .................................................................................................................................... 50mA
Case Temperature Under Bias (TC) ............................................................................................. -55
oC to + 125oC
Storage Temperature (TSTG) ........................................................................................................ -65
oC to + 150oC
NOTE:
(1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing perma-
nent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
Operating Conditions
Supply Voltage (VEE).......................................................................................................................................... 0V
Supply Voltage (VCC) ............................................................................................................................+2.5V ±5%
Supply Voltage (VCCP)...........................................................................................................................+2.5V ±5%
Case Temperature Operating Range (T).............................................................................................. 0oC to 85oC
Type
Description
DRIVE_
CTRL
TERM_
CTRL
VOD
(1)
(mV)
typ
VOCM
(1)
(V)
typ
1
AC-Coupled to
50
Ω termination to any voltage
VCC (HIGH)
VCC (ON)
500
2.0
2
AC-Coupled to
100
Ω differential termination
VCC (HIGH)
VCC (ON)
500
2.0
3
DC-Coupled, terminated in
50
Ω to V
CC at far-end only
GND (LOW)
GND (OFF)
500
2.25
4
DC-Coupled, terminated in
50
Ω to V
CC at far-end only
VCC (HIGH)
GND (OFF)
1000
2.0
5
DC-Coupled, source and far-end terminated in
50
Ω to V
CC
GND (LOW)
VCC (ON)
250
2.375
6
DC-Coupled, source and far-end terminated in
50
Ω to V
CC
VCC (HIGH)
VCC (ON)
500
2.25
7
DC-Coupled,
100
Ω differential termination
GND (LOW)
VCC (ON)
250
2.25
8
DC-Coupled,
100
Ω differential termination
VCC (HIGH)
VCC (ON)
500
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com