Electronic Components Datasheet Search
  English  ▼

X  

VSC837 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC837 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 20Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 16
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Y16
L28
High-Speed Data Output Channel 16, True
CML
Y17
L4
High-Speed Data Output Channel 17, True
CML
Y18
L26
High-Speed Data Output Channel 18, True
CML
Y19
L2
High-Speed Data Output Channel 19, True
CML
Y20
M28
High-Speed Data Output Channel 20, True
CML
Y21
M4
High-Speed Data Output Channel 21, True
CML
Y22
M26
High-Speed Data Output Channel 22, True
CML
Y23
M2
High-Speed Data Output Channel 23, True
CML
Y24
N28
High-Speed Data Output Channel 24, True
CML
Y25
N4
High-Speed Data Output Channel 25, True
CML
Y26
N26
High-Speed Data Output Channel 26, True
CML
Y27
N2
High-Speed Data Output Channel 27, True
CML
Y28
P28
High-Speed Data Output Channel 28, True
CML
Y29
P4
High-Speed Data Output Channel 29, True
CML
Y30
P26
High-Speed Data Output Channel 30, True
CML
Y31
P2
High-Speed Data Output Channel 31, True
CML
Y32
R28
High-Speed Data Output Channel 32, True
CML
Y33
R4
High-Speed Data Output Channel 33, True
CML
Y34
R26
High-Speed Data Output Channel 34, True
CML
Y35
R2
High-Speed Data Output Channel 35, True
CML
Y36
T28
High-Speed Data Output Channel 36, True
CML
Y37
T4
High-Speed Data Output Channel 37, True
CML
Y38
T26
High-Speed Data Output Channel 38, True
CML
Y39
T2
High-Speed Data Output Channel 39, True
CML
Y40
U28
High-Speed Data Output Channel 40, True
CML
Y41
U4
High-Speed Data Output Channel 41, True
CML
Y42
U26
High-Speed Data Output Channel 42, True
CML
Y43
U2
High-Speed Data Output Channel 43, True
CML
Y44
V28
High-Speed Data Output Channel 44, True
CML
Y45
V4
High-Speed Data Output Channel 45, True
CML
Y46
V26
High-Speed Data Output Channel 46, True
CML
Y47
V2
High-Speed Data Output Channel 47, True
CML
Y48
W28
High-Speed Data Output Channel 48, True
CML
Y49
W4
High-Speed Data Output Channel 49, True
CML
Y50
W26
High-Speed Data Output Channel 50, True
CML
Y51
W2
High-Speed Data Output Channel 51, True
CML
Y52
Y28
High-Speed Data Output Channel 52, True
CML
Y53
Y4
High-Speed Data Output Channel 53, True
CML
Y54
Y26
High-Speed Data Output Channel 54, True
CML
Signal Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com