Electronic Components Datasheet Search
  English  ▼

X  

VSC837 Datasheet(PDF) 20 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 20 Page - Vitesse Semiconductor Corporation

Back Button VSC837 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 24Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 20
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
OUTCHAN14
C24
Output Channel, Bit 14 (burst mode only)
TTL
OUTCHAN15
F29
Output Channel, Bit 15 (burst mode only)
TTL
OUTCHAN16
F28
Output Channel, Bit 16 (burst mode only)
TTL
OUTCHAN17
F25
Output Channel, Bit 17 (burst mode only)
TTL
OUTCHAN18
F26
Output Channel, Bit 18 (burst mode only)
TTL
SDOUT
AG6
Serial Data Out for Serial Mode and Scan
TTL
SERIAL
AE6
SERIAL = 1 Sets Serial Mode
TTL
TERM_CTRL
AD5
Output Back-Termination Control (LOW = no back termination;
HIGH = 50
Ω back-termination to V
CC. See Table 9).
TTL
Power Supplies
VEE
C23
Common Negative Power Supply
GND
VEE
C7
Common Negative Power Supply
GND
VEE
R3
Common Negative Power Supply
GND
VEE
AG7
Common Negative Power Supply
GND
VEE
AG23
Common Negative Power Supply
GND
VEE
R27
Common Negative Power Supply
GND
VCC
A1
Positive Power Supply
2.5V
VCC
A2
Positive Power Supply
2.5V
VCC
A3
Positive Power Supply
2.5V
VCC
A4
Positive Power Supply
2.5V
VCC
A5
Positive Power Supply
2.5V
VCC
A25
Positive Power Supply
2.5V
VCC
A26
Positive Power Supply
2.5V
VCC
A27
Positive Power Supply
2.5V
VCC
A28
Positive Power Supply
2.5V
VCC
A29
Positive Power Supply
2.5V
VCC
AE1
Positive Power Supply
2.5V
VCC
AE2
Positive Power Supply
2.5V
VCC
AE25
Positive Power Supply
2.5V
VCC
AE26
Positive Power Supply
2.5V
VCC
AE27
Positive Power Supply
2.5V
VCC
AE28
Positive Power Supply
2.5V
VCC
AE29
Positive Power Supply
2.5V
VCC
AE3
Positive Power Supply
2.5V
VCC
AE4
Positive Power Supply
2.5V
VCC
AE5
Positive Power Supply
2.5V
VCC
AF1
Positive Power Supply
2.5V
VCC
AF2
Positive Power Supply
2.5V
VCC
AF25
Positive Power Supply
2.5V
Signal Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com