Electronic Components Datasheet Search
  English  ▼

X  

VSC837 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC837
Description  3.2Gb/s 68x68 Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC837 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC837 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC837 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC837
3.2Gb/s
68x68 Crosspoint Switch
Page 12
G52309-0, Rev 3.0
02/16/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 10: Package Pin Identifications
Signal Name
Pin
Function
Level
High-Speed Data Inputs
A0
D23
High-Speed Data Input Channel 0, True
PECL
A1
AH23
High-Speed Data Input Channel 1, True
PECL
A2
B23
High-Speed Data Input Channel 2, True
PECL
A3
AF23
High-Speed Data Input Channel 3, True
PECL
A4
D22
High-Speed Data Input Channel 4, True
PECL
A5
AH22
High-Speed Data Input Channel 5, True
PECL
A6
B22
High-Speed Data Input Channel 6, True
PECL
A7
AF22
High-Speed Data Input Channel 7, True
PECL
A8
D21
High-Speed Data Input Channel 8, True
PECL
A9
AH21
High-Speed Data Input Channel 9, True
PECL
A10
B21
High-Speed Data Input Channel 10, True
PECL
A11
AF21
High-Speed Data Input Channel 11, True
PECL
A12
D20
High-Speed Data Input Channel 12, True
PECL
A13
AH20
High-Speed Data Input Channel 13, True
PECL
A14
B20
High-Speed Data Input Channel 14, True
PECL
A15
AF20
High-Speed Data Input Channel 15, True
PECL
A16
D19
High-Speed Data Input Channel 16, True
PECL
A17
AH19
High-Speed Data Input Channel 17, True
PECL
A18
B19
High-Speed Data Input Channel 18, True
PECL
A19
AF19
High-Speed Data Input Channel 19, True
PECL
A20
D18
High-Speed Data Input Channel 20, True
PECL
A21
AH18
High-Speed Data Input Channel 21, True
PECL
A22
B18
High-Speed Data Input Channel 22, True
PECL
A23
AF18
High-Speed Data Input Channel 23, True
PECL
A24
D17
High-Speed Data Input Channel 24, True
PECL
A25
AH17
High-Speed Data Input Channel 25, True
PECL
A26
B17
High-Speed Data Input Channel 26, True
PECL
A27
AF17
High-Speed Data Input Channel 27, True
PECL
A28
D16
High-Speed Data Input Channel 28, True
PECL
A29
AH16
High-Speed Data Input Channel 29, True
PECL
A30
B16
High-Speed Data Input Channel 30, True
PECL
A31
AF16
High-Speed Data Input Channel 31, True
PECL
A32
D15
High-Speed Data Input Channel 32, True
PECL
A33
AH15
High-Speed Data Input Channel 33, True
PECL
A34
B15
High-Speed Data Input Channel 34, True
PECL
A35
AF15
High-Speed Data Input Channel 35, True
PECL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com