Electronic Components Datasheet Search
  English  ▼

X  

PSLH Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSLH
Description  5-25 Watts AC/DC Converter Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLH Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSLH Datasheet HTML 1Page - Wall Industries,Inc. PSLH Datasheet HTML 2Page - Wall Industries,Inc. PSLH Datasheet HTML 3Page - Wall Industries,Inc. PSLH Datasheet HTML 4Page - Wall Industries,Inc. PSLH Datasheet HTML 5Page - Wall Industries,Inc. PSLH Datasheet HTML 6Page - Wall Industries,Inc. PSLH Datasheet HTML 7Page - Wall Industries,Inc. PSLH Datasheet HTML 8Page - Wall Industries,Inc. PSLH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev B
PSLH SERIES
5-25 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 11
PCB Mounting (“A1” Suffix)
Chassis Mounting 1 (“A2” Suffix)
Chassis Mounting 2 (“A3” Suffix)
DIN Rail Mounting (“A4” Suffix)
Size: 2.16-2.76 x 1.77-1.89 x 0.83-0.93in
Size: 3.78in x 2.13in x 1.16-1.25in
Size: 3.90in x 2.13in x 1.16-1.25in
Size: 3.78in x 2.13in x 1.34-1.44in
OPTIONS
FEATURES
• Mounting
-PCB Mount
-Chassis Mount
-DIN Rail
• Output Power
• Wide Input Voltage Range 85~305VAC
(100~430VDC)
• Wide Operating Temperature Range
• PCB, Chassis Mount, or DIN Rail Mounting Available
• RoHS Compliant
• Short Circuit, Over Current, and Over Voltage Protection
• Conversion Efficiency up to 87%
• Isolation Voltage of 3000VAC
• UL/CE/CB Certifications
• IEC60950, EN60950, and UL60950 Safety Approvals
DESCRIPTION
The PSLH series of AC/DC converters offers 5-25 watts of output power in either a PCB, chassis mount, or DIN rail mounted package. This series
consists of single output models with a wide input voltage range of 85~305VAC (100~430VDC). Each model in this series features a wide
operating temperature range, isolation voltage of 3000VAC, as well as short circuit, over current, and over voltage protection. This series has
IEC60950, EN60950, and UL60950 safety approvals and UL/CE/CB certifications. Please contact factory for order details.
MODEL SELECTION TABLE
Model Number
Input Voltage Range
Output Voltage
Output Current
Output Power
Maximum Capacitive Load
Efficiency
PSLH05-03Sx
85~305VAC
(100~430VDC)
3.3V
1250mA
4W
4000µF
72%
PSLH05-05Sx
5V
1000mA
5W
4000µF
77%
PSLH05-09Sx
9V
550mA
5W
1800µF
79%
PSLH05-12Sx
12V
420mA
5W
1800µF
81%
PSLH05-15Sx
15V
330mA
5W
1500µF
82%
PSLH05-24Sx
24V
230mA
5.5W
330µF
84%
PSLH10-03Sx
85~305VAC
(100~430VDC)
3.3V
2000mA
6.6W
26000µF
70%
PSLH10-05Sx
5V
2000mA
10W
9400µF
76%
PSLH10-09Sx
9V
1100mA
10W
3600µF
78%
PSLH10-12Sx
12V
900mA
10W
2400µF
80%
PSLH10-15Sx
15V
700mA
10W
1200µF
81%
PSLH10-24Sx
24V
450mA
10W
370µF
82%
PSLH15-03Sx
85~305VAC
(100~430VDC)
3.3V
3000mA
9.9W
36000µF
74%
PSLH15-05Sx
5V
2800mA
14W
20000µF
78%
PSLH15-09Sx
9V
1600mA
15W
6000µF
79%
PSLH15-12Sx
12V
1250mA
15W
3000µF
82%
PSLH15-15Sx
15V
1000mA
15W
3000µF
82%
PSLH15-24Sx
24V
625mA
15W
900µF
84%
PSLH15-48Sx
48V
320mA
15W
370µF
85%
PSLH20-03Sx
85~305VAC
(100~430VDC)
3.3V
3500mA
11.5W
48000µF
75%
PSLH20-05Sx
5V
3500mA
17.5W
12240µF
78%
PSLH20-09Sx
9V
2100mA
20W
5600µF
79%
PSLH20-12Sx
12V
1600mA
20W
5400µF
83%
PSLH20-15Sx
15V
1300mA
20W
2400µF
84%
PSLH20-24Sx
24V
850mA
20W
1840µF
85%
PSLH25-03Sx
85~305VAC
(100~430VDC)
3.3V
4100mA
13.5W
48000µF
75%
PSLH25-05Sx
5V
4100mA
20.5W
12240µF
78%
PSLH25-09Sx
9V
2500mA
22.5W
5600µF
79%
PSLH25-12Sx
12V
2100mA
25W
5400µF
83%
PSLH25-15Sx
15V
1600mA
24W
2400µF
84%
PSLH25-24Sx
24V
1100mA
26.4W
1440µF
85%
PSLH25-48Sx
48V
500mA
24W
800µF
87%


Similar Part No. - PSLH

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Eaton All Rights Reserv...
PSL EATON-PSL Datasheet
146Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
The Compact Power Transformer
More results

Similar Description - PSLH

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
logo
Powerbox
PM25-10A POWERBOX-PM25-10A Datasheet
750Kb / 2P
25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
logo
Chinfa Electronics Ind....
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Chinfa Electronics Ind....
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
Wall Industries,Inc.
PSABC05 WALL-PSABC05 Datasheet
237Kb / 4P
5 Watts AC/DC PCB Mount Supply Single Output
logo
ETA-USA
BJA-SA-U ETA-USA-BJA-SA-U Datasheet
576Kb / 2P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 25 WATTS
logo
Integrated Power Design...
SRP-25 IPDPOWER-SRP-25 Datasheet
330Kb / 2P
25 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com