Electronic Components Datasheet Search
  English  ▼

X  

PSLH Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSLH
Description  5-25 Watts AC/DC Converter Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLH Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSLH Datasheet HTML 1Page - Wall Industries,Inc. PSLH Datasheet HTML 2Page - Wall Industries,Inc. PSLH Datasheet HTML 3Page - Wall Industries,Inc. PSLH Datasheet HTML 4Page - Wall Industries,Inc. PSLH Datasheet HTML 5Page - Wall Industries,Inc. PSLH Datasheet HTML 6Page - Wall Industries,Inc. PSLH Datasheet HTML 7Page - Wall Industries,Inc. PSLH Datasheet HTML 8Page - Wall Industries,Inc. PSLH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev B
PSLH SERIES
5-25 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 11
MECHANICAL DRAWINGS
PCB Mount (“A1” Suffix)
Note:
Unit: [mm]
Pin diameter tolerances: ±0.10 [±0.004]
Pin Length (H) ≥6.00 [0.236]
General Tolerances: ±0.50 [±0.020]
PSLH05
PSLH10
PSLH15
PSLH20/25
Dimensions (Unit: mm)
No.
PSLH05
PSLH10
PSLH15
PSLH20
PSLH25
A
55.00
55.00
62.00
70.00
70.00
B
45.00
45.00
45.00
48.00
48.00
C
21.00
21.00
22.50
23.50
23.50
D
40.50
47.00
54.00
62.00
62.00
E
12.50
17.50
17.50
20.00
20.00
F
-
-
-
5.75
5.75
G
16.00
20.00
20.00
23.00
23.00
6(Min)
Models Weight
Weight
PSLH05
PSLH10
PSLH15
PSLH20
PSLH25
(Typ.)
75g
75g
85g
120g
120g
PIN Connection
Pin
PSLHxx-xxSA1
1
2
AC(N)
3
AC(L)
4
-Vo
5
No Pin
6
No Pin
7
No Pin
8
+Vo
Trim
Trim**
There is no pin “1”
on PSLH15-xxSA1 models.
Trim**: only for PSLH20/25 models



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com