Electronic Components Datasheet Search
  English  ▼

X  

PSLH Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSLH
Description  5-25 Watts AC/DC Converter Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLH Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSLH Datasheet HTML 1Page - Wall Industries,Inc. PSLH Datasheet HTML 2Page - Wall Industries,Inc. PSLH Datasheet HTML 3Page - Wall Industries,Inc. PSLH Datasheet HTML 4Page - Wall Industries,Inc. PSLH Datasheet HTML 5Page - Wall Industries,Inc. PSLH Datasheet HTML 6Page - Wall Industries,Inc. PSLH Datasheet HTML 7Page - Wall Industries,Inc. PSLH Datasheet HTML 8Page - Wall Industries,Inc. PSLH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Rev B
PSLH SERIES
5-25 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 11
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Voltage, and Rated Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
AC Input
85
305
VAC
DC Input
100
430
VDC
Input Frequency
47
63
Hz
Input Current
115VAC
PSLH05 Models
0.125
A
PSLH10 Models
0.26
PSLH15 Models
0.37
PSLH20/PSLH25 Models
0.6
230VAC
PSLH05 Models
0.08
PSLH10 Models
0.16
PSLH15 Models
0.22
PSLH20/PSLH25 Models
0.34
Inrush Current
115VAC
PSLH05/PSLH10/PSLH15 Models
10
A
PSLH20/PSLH25 Models
15
230VAC
PSLH05/PSLH10 Models
15
PSLH15 Models
20
PSLH20/PSLH25 Models
30
Leakage Current
0.3mA RMS typ./230VAC/50Hz
Recommended External Input Fuse(2)
PSLH05 Models
1A/300V, Slow Fusing
PSLH10/PSLH15 Models
2A/300V Slow Fusing
PSLH20/PSLH25 Models
3.15A/300V, Slow Fusing
Hot Plug
Unavailable
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
±2
%
Line Regulation
Full Load
±0.5
%
Load Regulation
0%-100% Load
±1
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
See Table
Ripple & Noise(3)
20MHz bandwidth, peak to peak value.
50
100
mV
Trim
PSLH20/PSLH25 Models
±10
%
Hold-Up Time
115VAC Input
15
mS
230VAC Input
80
Temperature Coefficient
±0.02
%/ºC
PROTECTION
Short Circuit Protection
Hiccup, Continuous, Self-Recovery
Over Current Protection
Io Self-Recovery
≥110
%
Over Voltage Protection
PSLH05 Models
Over Voltage Shutdown
PSLH10/PSLH15/PSLH20/PSLH25 Models
3.3/5VDC Output
≤7.5
VDC
9VDC Output
≤12
12/15VDC Output
≤20
24VDC Output
≤30
48VDC Output
≤60
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-40
+70
ºC
Storage Temperature
PSLH05/PSLH10/PSLH15
-40
+105
ºC
PSLH20/PSLH25
-40
+85
Welding Temperature
Wave-Soldering
260±5ºC; Time: 5~10S
Manual-Welding
360±10ºC; Time: 3~5S
Storage Humidity
95
%RH
Power Derating
-40ºC to -10ºC
2
%/ºC
50ºC to +70ºC (PSLH25 Models)
3
55ºC to +70ºC (Others)
4
MTBF
MIL-HDBK-217F@25ºC
300,000
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com