Electronic Components Datasheet Search
  English  ▼

X  

PSLH Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSLH
Description  5-25 Watts AC/DC Converter Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLH Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSLH Datasheet HTML 1Page - Wall Industries,Inc. PSLH Datasheet HTML 2Page - Wall Industries,Inc. PSLH Datasheet HTML 3Page - Wall Industries,Inc. PSLH Datasheet HTML 4Page - Wall Industries,Inc. PSLH Datasheet HTML 5Page - Wall Industries,Inc. PSLH Datasheet HTML 6Page - Wall Industries,Inc. PSLH Datasheet HTML 7Page - Wall Industries,Inc. PSLH Datasheet HTML 8Page - Wall Industries,Inc. PSLH Datasheet HTML 9Page - Wall Industries,Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev B
PSLH SERIES
5-25 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 11
SPECIFICATIONS
All specifications are based on 25°C, Humidity <75%, Nominal Voltage, and Rated Load unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
GENERAL SPECIFICATIONS
Typ. Efficiency
@230VAC
See Table
Switching Frequency
PSLH05 Models
65
132
kHz
PSLH10 Models
100
PSLH15/PSLH20/PSLH25 Models
65
Isolation Voltage
Test Time: 1 min.
Input-Output
3000
VAC
Input -
2000
PHYSICAL SPECIFICATIONS
Weight
PCB Mount
PSLH05/PSLH10 Models
2.65oz (75g)
PSLH15 Models
3oz (85g)
PSLH20/PSLH25 Models
4.23oz (120g)
Chassis Mount Option 1 & 2
PSLH05/PSLH10 Models
4.41oz (125g)
PSLH15 Models
4.76oz (135g)
PSLH20/PSLH25 Models
6oz (170g)
DIN Rail Mount
PSLH05/PSLH10 Models
5.82oz (165g)
PSLH15 Models
6.17oz (175g)
PSLH20/PSLH25 Models
7.41oz (210g)
Dimensions (L x W x H)
PCB Mount (“A1” Option)
2.16-2.76in x 1.77-1.89in x 0.83-0.93in
(55-70mm x 45-48mm x 21-23.5mm)
Chassis Mount Option 1 (“A2” Option)
3.78in x 2.13in x 1.16-1.25in
(96.1mm x 54mm x 29.5-32mm)
Chassis Mount Option 2 (“A3” Option)
3.90in x 2.13in x 1.16-1.25in
(99mm x 54mm x 29.5-32mm)
DIN Rail Mount (“A4” Option)
3.78in x 2.13in x 1.34-1.44in
(96.1mm x 54mm x 34.1-36.6mm)
Case Material
Black Flame-Retardant & Heat Resistant
Plastic (UL94-V0)
Cooling Method
Free Convection
SAFETY CHARACTERISTICS
Safety Approvals & Certifications
IEC60950/EN60950/UL60950
EMI
CE
CISPR32/EN55032
Class B
RE
CISPR32/EN55032
Class B
ESD
IEC/EN61000-4-2
Contact ±6kV/Air±8kV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
Perf. Criteria A
EFT
IEC/EN61000-4-4
±2kV
Perf. Criteria B
±4kV (See Fig. 2 for recommended circuit)
Perf. Criteria B
Surge
IEC/EN61000-4-5
Line to Line ±1kV/Line to Ground ±2kV
Perf. Criteria B
Line to Line ±2kV/Line to Ground 4kV
(See Fig. 2 for recommended circuit)
Perf. Criteria B
CS
IEC/EN61000-4-6
10Vr.m.s
Perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
Perf. Criteria A
Voltage Dips, Short Interruptions
& Voltage Variations Immunity
IEC/EN61000-4-11
0%-70%
Perf. Criteria B
Safety Class
PSLH15 Models
Class II
Others
Class I
NOTES
1.
“X” in model number represents mounting options. “X” can either be “A1” for PCB Mounting, “A2” for Chassis Mount option 1, “A3” for Chassis
Mount option 2, or “A4” for DIN rail mount.
2.
Special package series include fuse.
3.
Ripple & Noise is tested with “parallel cable” method. Contact factory for more information.
4.
There is no pin
on PSLH15 models.
5.
If the product is not operating within required load range, product performance cannot be guaranteed to comply with all parameters in the
datasheet.
6.
Customization available.
7.
Performance indexes of the product models listed are as recorded in data sheet. Indexes of non-standard model products will exceed the
mentioned requirements. Please contact factory for more information.
8.
Products classified according to ISO14001 and related environmental laws & regulates and should be handled by qualified units.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com