Electronic Components Datasheet Search
  English  ▼

X  

MP1472 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1472 Datasheet HTML 1Page - Monolithic Power Systems MP1472 Datasheet HTML 2Page - Monolithic Power Systems MP1472 Datasheet HTML 3Page - Monolithic Power Systems MP1472 Datasheet HTML 4Page - Monolithic Power Systems MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
5
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VO = 3.3V, CIN = 10µF, COUT = 22µF, L = 10µH, TA = +25°C, unless otherwise noted.
VO/AC
20mV/div.
SW
10V/div.
IINDUCTOR
1A/div.
VO/AC
20mV/div.
SW
10V/div.
IINDUCTOR
1A/div.
VO
2V/div.
SW
10V/div.
EN
5V/div.
IINDUCTOR
2A/div.
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
2.5
3
3.5
4
4.5
5
0
20
40
60
80
100
VO
2V/div.
SW
10V/div.
EN
5V/div.
IINDUCTOR
2A/div.
VO
2V/div.
SW
10V/div.
EN
5V/div.
IINDUCTOR
2A/div.
VO
2V/div.
SW
10V/div.
EN
5V/div.
IINDUCTOR
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com