Electronic Components Datasheet Search
  English  ▼

X  

MP1472 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems MP1472 Datasheet HTML 10Page - Monolithic Power Systems MP1472 Datasheet HTML 11Page - Monolithic Power Systems MP1472 Datasheet HTML 12Page - Monolithic Power Systems MP1472 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
10
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
3. Determine if the second compensation
capacitor (C6) is required. It is required if the
ESR zero of the output capacitor is located at
less than half of the switching frequency, or the
following relationship is valid:
S
ESR
f
1
2C2 R
2

If this is the case, then add the second
compensation capacitor (C6) to set the pole fP3 at
the location of the ESR zero. Determine the C6
value by the equation:
3
R
R
2
C
6
C
ESR
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, and it will be a must if
the applicable condition is:
VOUT=5V or 3.3V; and
duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Figure 2
MP1472
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
0.01
Figure 2—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is IN4148,
and the BST cap is 0.01µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com