Electronic Components Datasheet Search
  English  ▼

X  

MP1472 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1472 Datasheet HTML 1Page - Monolithic Power Systems MP1472 Datasheet HTML 2Page - Monolithic Power Systems MP1472 Datasheet HTML 3Page - Monolithic Power Systems MP1472 Datasheet HTML 4Page - Monolithic Power Systems MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP1472
2A, 18V Synchronous Rectified
Step-Down Converter
MP1472 Rev. 1.0
www.MonolithicPower.com
1
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1472 is a monolithic synchronous buck
regulator. The device integrates a 175mΩ high-
side MOSFET and a 115mΩ low-side MOSFET
that provide 2A of continuous load current over
a wide input voltage of 4.75V to 18V. Current
mode control provides fast transient response
and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current
at turn-on, and in shutdown mode the supply
current drops to 1µA.
This device, available in an 8-pin TSOT23-8
package, provides a very compact solution with
minimal external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV1472GJ-00A
2.5”X x 2.5”Y x 0.5”Z
FEATURES
 2A Output Current
 Wide 4.75V to 18V Operating Input Range
 Integrated Power MOSFET Switches
 Output Adjustable from 0.923V to 15V
 Up to 95% Efficiency
 Programmable Soft-Start
 Stable with Low ESR Ceramic Output
Capacitors
 Fixed 340kHz Frequency
 Cycle-by-Cycle Over Current Protection
 Input Under Voltage Lockout
 8–Pin TSOT23-8
APPLICATIONS
 Distributed Power Systems
 Networking Systems
 FPGA, DSP, ASIC Power Supplies
 Green Electronics/ Appliances
 Notebook Computers
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
LOAD CURRENT (A)
Efficiency vs. Load Current
VOUT=3.3V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN=4.75V
VIN=12V
VIN=18V


Similar Part No. - MP1472

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP147 CTS-MP147 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470BGJ MPS-MP1470BGJ Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470GJ MPS-MP1470GJ Datasheet
459Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
More results

Similar Description - MP1472

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP1482 MPS-MP1482 Datasheet
291Kb / 12P
2A, 18V Synchronous Rectified Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1482 KEXIN-MP1482 Datasheet
1Mb / 4P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482A UTC-P1482A Datasheet
336Kb / 5P
2A, 18V, 365KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com