Electronic Components Datasheet Search
  English  ▼

X  

MP1472 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1472
Description  2A, 18V Synchronous Rectified Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1472 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP1472 Datasheet HTML 3Page - Monolithic Power Systems MP1472 Datasheet HTML 4Page - Monolithic Power Systems MP1472 Datasheet HTML 5Page - Monolithic Power Systems MP1472 Datasheet HTML 6Page - Monolithic Power Systems MP1472 Datasheet HTML 7Page - Monolithic Power Systems MP1472 Datasheet HTML 8Page - Monolithic Power Systems MP1472 Datasheet HTML 9Page - Monolithic Power Systems MP1472 Datasheet HTML 10Page - Monolithic Power Systems MP1472 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP1472 – 2A, 18V SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP1472 Rev. 1.0
www.MonolithicPower.com
7
9/2/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATIONS INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. The
voltage divider divides the output voltage down to
the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
Where VFB is the feedback voltage and VOUT is
the output voltage.
Thus the output voltage is:
2
R
2
R
1
R
923
.
0
VOUT
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using the typical value for R2, R1 is
determined by:
)
923
.
0
V
(
83
.
10
1
R
OUT
(kΩ)
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 26.1kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, the
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current.
A good rule for determining the inductance to use
is to allow the peak-to-peak ripple current in the
inductor to be approximately 30% of the
maximum switch current limit. Also, make sure
that the peak inductor current is below the
maximum switch current limit. The inductance
value can be calculated by:


IN
OUT
L
S
OUT
V
V
1
I
f
V
L
Where VOUT is the output voltage, VIN is the input
voltage, fS is the switching frequency, and ΔIL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:


IN
OUT
S
OUT
LOAD
LP
V
V
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors from
various manufacturers. The choice of which style
inductor to use mainly depends on the price vs.
size requirements and any EMI requirement.
Table 1—Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (Ω)
Current Rating (A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
7440650068
6.8
0.033
3.6
10x10x2.8
744066100
10
0.035
3.6
10x10x3.8
744066150
15
0.050
3.2
10x10x3.8
TDK
SLF10165T-6R8N4R33PF
6.8
0.014
4.3
10x10x4.5
SLF10165T-100M3R83PF
10
0.0185
3.8
10x10x4.5
SLF10165T-150M3R13PF
15
0.027
3.1
10x10x4.5
Toko
#B952AS-6R8N
6.8
0.035
3.1
10.4x10.4x4.8
#B892NAS-100M
10
0.0225
4.2
12.3x12.3x4.5
#B892NAS-150M
15
0.0355
3.2
12.3x12.3x4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com