Electronic Components Datasheet Search
  English  ▼

X  

MP1496S Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1496S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496S Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1496S Datasheet HTML 1Page - Monolithic Power Systems MP1496S Datasheet HTML 2Page - Monolithic Power Systems MP1496S Datasheet HTML 3Page - Monolithic Power Systems MP1496S Datasheet HTML 4Page - Monolithic Power Systems MP1496S Datasheet HTML 5Page - Monolithic Power Systems MP1496S Datasheet HTML 6Page - Monolithic Power Systems MP1496S Datasheet HTML 7Page - Monolithic Power Systems MP1496S Datasheet HTML 8Page - Monolithic Power Systems MP1496S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP1496S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1496S Rev.1.1
www.MonolithicPower.com
2
3/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1496SGJ
TSOT23-8
AJR
* For Tape & Reel, add suffix –Z (e.g. MP1496SGJ–Z).
PACKAGE REFERENCE
SS
IN
SW
GND
FB
VCC
EN/SYNC
BST
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..................................................-0.3V to 17V
VSW...-0.3V (-5V for <10ns) to 17V (19V for 5ns)
VBST ........................................................ VSW+6V
All Other Pins............................... -0.3V to 6V
(2)
Continuous Power Dissipation (TA = +25°C)
(3)
........................................................... 1.25W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature................. -65°C to 150°C
Recommended Operating Conditions
(4)
Supply Voltage VIN ...........................4.5V to 16V
Output Voltage VOUT................0.8V to VIN x DMAX
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
TSOT23-8
θJA
θJC
EV1496S-J-00A...................... 66 ...... 23... °C/W
JESD51-7(5) .......................... 100 ..... 55... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) About the details of EN pin’s ABS MAX rating, please refer to
Page 9, Enable section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) High Effictive Thermal Conductivity Test Board for Leaded
Surface Mount Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com