Electronic Components Datasheet Search
  English  ▼

X  

MP1496S Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1496S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496S Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1496S Datasheet HTML 1Page - Monolithic Power Systems MP1496S Datasheet HTML 2Page - Monolithic Power Systems MP1496S Datasheet HTML 3Page - Monolithic Power Systems MP1496S Datasheet HTML 4Page - Monolithic Power Systems MP1496S Datasheet HTML 5Page - Monolithic Power Systems MP1496S Datasheet HTML 6Page - Monolithic Power Systems MP1496S Datasheet HTML 7Page - Monolithic Power Systems MP1496S Datasheet HTML 8Page - Monolithic Power Systems MP1496S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP1496S
High-Efficiency, 2A, 16V, 500kHz
Synchronous, Step-Down Converter
MP1496S Rev.1.1
www.MonolithicPower.com
1
3/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP1496S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a very compact solution to achieve a 2A
continuous output current with excellent load
and line regulation over a wide input supply
range. The MP1496S has synchronous mode
operation for higher efficiency over the output-
current–load range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Protective
features
include
over-current
protection and thermal shut down and external
SS control.
The MP1496S requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 150mΩ/70mΩ Low-RDS(ON) Internal Power
MOSFETs
 Proprietary Switching-Loss–Reduction
Technique
 High-Efficiency Synchronous Mode
Operation
 Fixed 500kHz Switching Frequency
 Can Synchronize with a 300kHz-to-2MHz
External Clock
 Externally Programmable Soft-Start
 OCP Protection and Hiccup
 Thermal Shutdown
 Output Adjustable Starting from 0.8V
 Available in an 8-pin TSOT23 Package
APPLICATIONS
 Notebook Computers and I/O Power
 Digital Set-Top Boxes
 Flat-Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP1496S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
logo
Laird Tech Smart Techno...
MP1496-000 LSTD-MP1496-000 Datasheet
61Kb / 1P
this print is the property of laird tech
MP1496-000 LSTD-MP1496-000 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
MP1496-0M0 LSTD-MP1496-0M0 Datasheet
1Mb / 38P
Ferrite EMI Cable Cores
2017
logo
Monolithic Power System...
MP1496DJ MPS-MP1496DJ Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1496S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com