Electronic Components Datasheet Search
  English  ▼

X  

MP1496S Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1496S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1496S Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1496S Datasheet HTML 1Page - Monolithic Power Systems MP1496S Datasheet HTML 2Page - Monolithic Power Systems MP1496S Datasheet HTML 3Page - Monolithic Power Systems MP1496S Datasheet HTML 4Page - Monolithic Power Systems MP1496S Datasheet HTML 5Page - Monolithic Power Systems MP1496S Datasheet HTML 6Page - Monolithic Power Systems MP1496S Datasheet HTML 7Page - Monolithic Power Systems MP1496S Datasheet HTML 8Page - Monolithic Power Systems MP1496S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP1496S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1496S Rev.1.1
www.MonolithicPower.com
4
3/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board.
TA = 25°C, unless otherwise noted.
20
30
40
50
60
70
00.511.5
2
700
705
710
715
720
725
730
735
740
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
4
6
8
1012141618
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
4
6
8
1012141618
-30
-20
-10
0
10
20
30
40
50
4
6
8
1012141618
3
3.4
3.8
4.2
4.6
5
5.4
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
00.5
1
1.5
2
00.5
11.5
2
00.511.5
2
0
5
10
15
20
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com