Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 43Page - ATMEL Corporation ATAR092 Datasheet HTML 44Page - ATMEL Corporation ATAR092 Datasheet HTML 45Page - ATMEL Corporation ATAR092 Datasheet HTML 46Page - ATMEL Corporation ATAR092 Datasheet HTML 47Page - ATMEL Corporation ATAR092 Datasheet HTML 48Page - ATMEL Corporation ATAR092 Datasheet HTML 49Page - ATMEL Corporation ATAR092 Datasheet HTML 50Page - ATMEL Corporation ATAR092 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
47
ATAR092/ATAR892
4535C–4BMCU–02/04
Figure 47. Counter Reset with Compare Register 2 and Toggle with Start
Figure 48. Single Action of Compare Register 1
Timer 3 – Mode 2:
Timer/Counter, External Trigger Restart and External
Capture (with T3I Input)
The counter is driven by an internal clock source. After starting with T3R, the first edge
from the external input T3I starts the counter. The following edges at T3I load the cur-
rent counter value into the capture register, reset the counter and restart it. The edge
can be selected by the programmable edge decoder of the timer input stage. If sin-
gle-action mode is activated for one or both compare registers the trigger signal restarts
the single action.
Figure 49. Externally Triggered Counter Reset and Start Combined with Single-action
Mode
4
0
0
0
123
567
4
01
23
56
T3R
Counter 3
CM31
INT5
T3O
Toggle
by start
T3O
89
CL3
CM32
0 012 345 678 9 10 0 12
Counter 3
CM31
CM32
T3O
0 1 2 01201 2 012 0 120 12 0 1 2 0 120 1
Toggle by start
T3R
000000 00123456
Counter 3
T3EX
CM31
CM32
7 8 9 10 0 12 X X X 0 1 23 4 5 67 89 10 01 2 X X
T3R
XX
T3O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com