Electronic Components Datasheet Search
  English  ▼

X  

ATAR092 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 49Page - ATMEL Corporation ATAR092 Datasheet HTML 50Page - ATMEL Corporation ATAR092 Datasheet HTML 51Page - ATMEL Corporation ATAR092 Datasheet HTML 52Page - ATMEL Corporation ATAR092 Datasheet HTML 53Page - ATMEL Corporation ATAR092 Datasheet HTML 54Page - ATMEL Corporation ATAR092 Datasheet HTML 55Page - ATMEL Corporation ATAR092 Datasheet HTML 56Page - ATMEL Corporation ATAR092 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
53
ATAR092/ATAR892
4535C–4BMCU–02/04
Timer 3 Control Register 1
(T3C) Write
Timer 3 Status Register 1
(T3ST) Read
Note:
The status bits T3C1, T3C2 and T3ED will be reset after a READ access to T3ST.
Timer 3 Clock Select Register
(T3CS)
Primary register address: ’C’hex - Write
Bit 3
Bit 2
Bit 1
Bit 0
Write
T3EIM
T3TOP
T3TS
T3R
Reset value: 0000b
T3EIM
Timer 3 Edge Interrupt Mask
T3EIM = 0, disables the interrupt when an edge event for Timer 3 occurs (T3I)
T3EIM = 1, enables the interrupt when an edge event for Timer 3 occurs (T3I)
T3TOP
Timer 3 Toggle Output Preset
T3TOP = 0, sets toggle output (M3) to ‘0’
T3TOP = 1, sets toggle output (M3) to ‘1’
Note: If T3R = 1, no output preset is possible
T3TS
Timer 3 Toggle with Start T3TS = 0, Timer 3 output is not toggled during the start
T3TS = 1, Timer 3 output is toggled if started with T3R
T3R
Timer 3 Run
T3R = 0, Timer 3 stop and reset
T3R = 1, Timer 3 run
Primary register address: ’C’hex - Read
Bit 3
Bit 2
Bit 1
Bit 0
Read
–
T3ED
T3C2
T3C1
Reset value: x000b
T3ED
Timer 3 Edge Detect
This bit will be set by the edge-detect logic of Timer 3 input (T3I)
T3C2
Timer 3 Compare 2
This bit will be set when a match occurs between Counter 3 and T3CO2
T3C1
Timer 3 Compare 1
This bit will be set when a match occurs between Counter 3 and T3CO1
Address: ‘B’hex - Subaddress: ‘1’hex
Bit 3
Bit 2
Bit 1
Bit 0
T3CS
T3E1
T3E0
T3CS1
T3CS0
Reset value: 1111b
T3E1
Timer 3 Edge select bit 1
T3E0
Timer 3 Edge select bit 0
Table 23. External Input Edge Select Bits
T3E1
T3E0
Timer 3 Input Edge Select (T3I)
11
–
10
Positive edge at T3I pin
01
Negative edge at T3I pin
00
Each edge at T3I pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com