Electronic Components Datasheet Search
  English  ▼

X  

MP2110 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2110
Description  3A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2110 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2110 Datasheet HTML 1Page - Monolithic Power Systems MP2110 Datasheet HTML 2Page - Monolithic Power Systems MP2110 Datasheet HTML 3Page - Monolithic Power Systems MP2110 Datasheet HTML 4Page - Monolithic Power Systems MP2110 Datasheet HTML 5Page - Monolithic Power Systems MP2110 Datasheet HTML 6Page - Monolithic Power Systems MP2110 Datasheet HTML 7Page - Monolithic Power Systems MP2110 Datasheet HTML 8Page - Monolithic Power Systems MP2110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP2110 – 3A SYNCHRONOUS BUCK CONVERTER WITH INPUT CURRENT LIMIT
MP2110 Rev. 1.11
www.MonolithicPower.com
2
9/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2110GQ
QFN-14 (3mm x 3mm)
AFQ
* For Tape & Reel, add suffix –Z (e.g. MP2110GQ–Z).
PACKAGE REFERENCE
TOP VIEW
QFN14 (3x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
VSYSIN, VNTC to GND ..................... -0.3V to +13V
VREGIN to GND ............................. -0.3V to +6.5V
VSW to GND.......................-0.3V to VREGIN +0.3V
All other pins to GND .................. -0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................2.5W
Junction Temperature............................ +150
°C
Lead Temperature ................................. +260
°C
Storage Temperature .............. -65
°C to +150°C
Recommended Operating Conditions
(3)
Continuous Supply Voltage VSYSIN.. 3.3V to 5.4V
Transient Supply Voltage VSYSIN...................12V
Output Voltage VOUT.......................... 0.6V to 5V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-14 (3mmx3mm) ............. 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com