Electronic Components Datasheet Search
  English  ▼

X  

MP2110 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2110
Description  3A Synchronous Step-Down Converter with Programmable Input Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2110 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2110 Datasheet HTML 7Page - Monolithic Power Systems MP2110 Datasheet HTML 8Page - Monolithic Power Systems MP2110 Datasheet HTML 9Page - Monolithic Power Systems MP2110 Datasheet HTML 10Page - Monolithic Power Systems MP2110 Datasheet HTML 11Page - Monolithic Power Systems MP2110 Datasheet HTML 12Page - Monolithic Power Systems MP2110 Datasheet HTML 13Page - Monolithic Power Systems MP2110 Datasheet HTML 14Page - Monolithic Power Systems MP2110 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP2110 – 3A SYNCHRONOUS BUCK CONVERTER WITH INPUT CURRENT LIMIT
MP2110 Rev. 1.11
www.MonolithicPower.com
12
9/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage (see Typical Application Circuit on page
1).
Choose R1 around 200kΩ for optimal transient
response. R2 is then given by:
1
V
6
.
0
V
1
R
2
R
OUT −
=
Table 2—Resistor Selection vs. Output
Voltage Setting
VOUT
R1
R2
1V
180kΩ (1%)
267kΩ (1%)
1.2V
180kΩ (1%)
180kΩ (1%)
1.8V
180kΩ (1%)
88.7kΩ (1%)
2.5V
340kΩ (1%)
107kΩ (1%)
3.3V
340kΩ (1%)
75kΩ (1%)
3.6V
340kΩ (1%)
68kΩ (1%)
Inductor Selection
A 0.47μH to 4.7μH inductor with DC current
rating at least 25% higher than the maximum
load
current
is
recommended
for
most
applications. For best efficiency, the inductor DC
resistance shall be <200mΩ. See Table 3 for
recommended inductors and manufacturers. For
most designs, the inductance value can be
derived from the following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
1
L
×
Δ
×
−
×
=
Where ΔIL is the Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum load current, 3A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Table 3—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance (μH) Max DCR (Ω)
Saturation
Current (A)
Dimensions
LxWxH (mm
3)
Wurth
744777001
1
0.0084
9
7.3X7.3X4.5
Toko
DFE252012C
1
0.059
3
2.5X2.0X1.2
VSYSIN Input Capacitor Selection
The input capacitor (C1) reduces the surge
current drawn from the input and switching
noise from the device. The input capacitor
impedance at the switching frequency must be
less than input source impedance to prevent
high frequency switching current passing to the
input. Ceramic capacitors with X5R or X7R
dielectrics are highly recommended because of
their
low
ESR
and
small
temperature
coefficients. For most applications, a 10μF
capacitor is sufficient.
VREGIN Capacitor Selection
The VREGIN capacitor is used to supply the Buck
port and with the peak output current, such as
during the TDM frame. That output peak current
is about 3A. Use a large tantalum capacitor to
avoid large voltage drops.
Selecting the Output Capacitor
The output capacitor (C3) is required to
maintain the DC output voltage. Ceramic
capacitors
are
recommended.
Low
ESR
capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C3
⎛⎞
⎛⎞
Δ=
× −
×
+
⎜⎟
⎜⎟
×× ×
⎝⎠ ⎝
⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com