Electronic Components Datasheet Search
  English  ▼

X  

MP2122 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2122 Datasheet HTML 4Page - Monolithic Power Systems MP2122 Datasheet HTML 5Page - Monolithic Power Systems MP2122 Datasheet HTML 6Page - Monolithic Power Systems MP2122 Datasheet HTML 7Page - Monolithic Power Systems MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems MP2122 Datasheet HTML 10Page - Monolithic Power Systems MP2122 Datasheet HTML 11Page - Monolithic Power Systems MP2122 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2122 Rev. 1.02
www.MonolithicPower.com
8
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT1 = 1.8V, VOUT2 = 1.2V, L = 1.5µH, COUT1=COUT2=22µF, TA = 25°C, unless otherwise
noted.
VOUT1
1V/div.
IL1
500mA/div.
VIN
5V/div.
SW
2V/div.
VOUT1
1V/div.
IL1
500mA/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
500mA/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
1A/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
2A/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
1A/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
2A/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
1A/div.
VIN
5V/div.
SW
5V/div.
VOUT1
1V/div.
IL1
2A/div.
VIN
5V/div.
SW
5V/div.
40ms/div.
Vin Power down
IOUT1 = IOUT2= 0A
10ms/div.
Vin Power down
IOUT1 = 1A, IOUT2= 0A
10ms/div.
Vin Power down
IOUT1 = 2A, IOUT2= 0A
Enable on
IOUT1 = IOUT2= 0A
Enable on
IOUT1 = 1A, IOUT2= 0A
Enable on
IOUT1 = 2A, IOUT2= 0A
1s/div.
Enable down
IOUT1 = IOUT2= 0A
Enable down
IOUT1 =1A, IOUT2= 0A
Enable down
IOUT1 = 2A, IOUT2= 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com