Electronic Components Datasheet Search
  English  ▼

X  

MP2122 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2122 Datasheet HTML 1Page - Monolithic Power Systems MP2122 Datasheet HTML 2Page - Monolithic Power Systems MP2122 Datasheet HTML 3Page - Monolithic Power Systems MP2122 Datasheet HTML 4Page - Monolithic Power Systems MP2122 Datasheet HTML 5Page - Monolithic Power Systems MP2122 Datasheet HTML 6Page - Monolithic Power Systems MP2122 Datasheet HTML 7Page - Monolithic Power Systems MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2122
6V, 2A, Low Quiescent Current
Dual, SYNC Buck Regulator
MP2122 Rev. 1.02
www.MonolithicPower.com
1
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2122 is an internally-compensated,
1MHz fixed-frequency, dual PWM, synchronous,
step-down regulator. The MP2122 operates
from a 2.7V-to-6V input, generates an output
voltage as low as 0.608V, and has a 45µA
quiescent current that makes it ideal for
powering portable equipment that runs on a
single cell lithium-ion (Li+) battery.
The MP2122 integrates dual 80mΩ high-side
switches and 35mΩ synchronous rectifiers for
high efficiency without an external Schottky
diode. Peak-current mode control and internal
compensation limits the minimum number of
readily-available external components.
Fault-condition protections include cycle-by-cycle
current limiting and thermal shutdown.
The MP2122 is available in an 8-pin TSOT23-8
package.
FEATURES
 Dual 2A-Output Current
 >93% Peak Efficiency
 >80% Light-Load Efficiency
 Wide 2.7V-to-6V Operating Input Range
 80mΩ and 35mΩ Internal Power MOSFET
 1MHz Fixed Switching Frequency
 Adjustable Output from 0.608V to VIN
 180° Phase-Shifted Operation
 100% Duty-Cycle Operation
 45µA Quiescent Current
 Cycle-by-Cycle Over-Current Protection
 Short-Circuit Protection with Hiccup Mode
 Thermal Shutdown
 Available in an 8-pin TSOT23-8 Package
APPLICATIONS
 Small/Handhold Devices
 DVD Drivers
 Portable Instruments
 Smartphones and Feature Phones
 Battery-Powered Devices
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
COUT1
22µF
R1
806kO
IN
EN1
EN2
SW1
SW2
GND
FB1
FB2
CIN
22µF
R2
412kO
R3
806kO
R4
825kO
COUT2
22µF
VIN
5V
VOUT1
1.8V
VOUT2
1.2V
MP2122
L1
1.5uH
L2
1.5uH
EN1
EN2
30
40
50
60
70
80
90
100
0.01
0.1
1
10


Similar Part No. - MP2122

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2122GJ MPS-MP2122GJ Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
More results

Similar Description - MP2122

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012 Datasheet
1Mb / 15P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
March 11, 2008
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Monolithic Power System...
MP2149 MPS-MP2149 Datasheet
451Kb / 13P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
MP2166 MPS-MP2166 Datasheet
1Mb / 21P
6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS
MPQ2122 MPS-MPQ2122 Datasheet
568Kb / 17P
6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
MP9148 MPS-MP9148 Datasheet
519Kb / 14P
6V, 1A, Low Quiescent Current Dual, SYNC Buck Regulator
EV2122-J-00A MPS-EV2122-J-00A Datasheet
207Kb / 4P
6V, Dual 2A Low Quiescent Current SYNC Buck Regulator
EV2149-J-00A MPS-EV2149-J-00A Datasheet
232Kb / 4P
6V, Dual 1A Low Quiescent Current SYNC Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com