Electronic Components Datasheet Search
  English  ▼

X  

MP2122 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2122 Datasheet HTML 6Page - Monolithic Power Systems MP2122 Datasheet HTML 7Page - Monolithic Power Systems MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems MP2122 Datasheet HTML 10Page - Monolithic Power Systems MP2122 Datasheet HTML 11Page - Monolithic Power Systems MP2122 Datasheet HTML 12Page - Monolithic Power Systems MP2122 Datasheet HTML 13Page - Monolithic Power Systems MP2122 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2122 Rev. 1.02
www.MonolithicPower.com
10
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name Description
1
FB2
Feedback 2. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.
2
EN2
Channel 2 Enable. Buck.
3
SW2
Switch Node Connects to the channel 2 internal high-side and low-side power
MOSFETs..Connects to the inductor.
4
EN1
Channel 1 Enable. Buck.
5
GND
Ground.
6
SW1
Switch Node Connects to the channel 1 internal high-side and low-side power
MOSFETs..Connects to the inductor.
7
IN
Input Supply. Requires a decoupling capacitor to ground to reduce switching spikes.
8
FB1
Feedback 1. Error amplifier input. Connect to the tap of an external resistor divider between
the output and GND. Sets the regulation voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com