Electronic Components Datasheet Search
  English  ▼

X  

MP2122 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2122
Description  6V, 2A, Low Quiescent Current Dual, SYNC Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2122 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2122 Datasheet HTML 7Page - Monolithic Power Systems MP2122 Datasheet HTML 8Page - Monolithic Power Systems MP2122 Datasheet HTML 9Page - Monolithic Power Systems MP2122 Datasheet HTML 10Page - Monolithic Power Systems MP2122 Datasheet HTML 11Page - Monolithic Power Systems MP2122 Datasheet HTML 12Page - Monolithic Power Systems MP2122 Datasheet HTML 13Page - Monolithic Power Systems MP2122 Datasheet HTML 14Page - Monolithic Power Systems MP2122 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP2122 –6V, 2A, LOW QUIESCENT CURRENT, DUAL, SYNC BUCK REGULATOR
MP2122 Rev. 1.02
www.MonolithicPower.com
11
6/12/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Hi-Z
Slope
Comp
COMP1
ISLOPE1
OSC1
PH1
Hi-Z
Slope
Comp
COMP2
ISLOPE2
OSC2
SW1
SW2
PH2
FB1
FB2
EN1
EN2
UVLO &
Bandgap
0.608V
UVLO
VIN
VIN
GND
GND
MAIN
SWITCH
PCH
SYNCHRONOUS
RECTIFIER
NCH
LOW SIDE
GATE DRIVER
LOW SIDE
GATE DRIVER
SYNCHRONOUS
RECTIFIER
NCH
MAIN
SWITCH
PCH
CONTROL
LOGIC
CONTROL
LOGIC
PWM
PWM
INTERNAL SS
INTERNAL SS
0.608V
0.608V
1MHz
OSCILLATOR
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com