Electronic Components Datasheet Search
  English  ▼

X  

ACT8892 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 10Page - Active-Semi, Inc ACT8892 Datasheet HTML 11Page - Active-Semi, Inc ACT8892 Datasheet HTML 12Page - Active-Semi, Inc ACT8892 Datasheet HTML 13Page - Active-Semi, Inc ACT8892 Datasheet HTML 14Page - Active-Semi, Inc ACT8892 Datasheet HTML 15Page - Active-Semi, Inc ACT8892 Datasheet HTML 16Page - Active-Semi, Inc ACT8892 Datasheet HTML 17Page - Active-Semi, Inc ACT8892 Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
: PWRHLD, nHIB, VSEL are logic inputs.
: nPBSTAT, nIRQ, nRSTO are open drain outputs.
: Typical value shown. Actual value may vary from 56.3ms to 72.8ms.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.7
5.5
V
UVLO Threshold Voltage
VVDDREF Rising
2.2
2.45
2.65
V
UVLO Hysteresis
VVDDREF Falling
200
mV
Supply Current
REG1 Enabled. REG2, REG3, REG4,
REG5, REG6 and REG7 Disabled
150
µA
REG1, REG2, REG3 Enabled. REG4
REG5, REG6 and REG7 Disabled
285
REG1, REG2, REG3, REG4, REG5,
REG6 and REG7 Enabled
420
Shutdown Supply Current
All Regulators Disabled
1.5
3.0
µA
Oscillator Frequency
1.8
2
2.2
MHz
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
Leakage Current
VnIRQ = VnRSTO = 4.2V
1
µA
Low Level Output Voltage
ISINK = 5mA
0.35
V
nRSTO Delay
65
ms
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com