Electronic Components Datasheet Search
  English  ▼

X  

ACT8892 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 20Page - Active-Semi, Inc ACT8892 Datasheet HTML 21Page - Active-Semi, Inc ACT8892 Datasheet HTML 22Page - Active-Semi, Inc ACT8892 Datasheet HTML 23Page - Active-Semi, Inc ACT8892 Datasheet HTML 24Page - Active-Semi, Inc ACT8892 Datasheet HTML 25Page - Active-Semi, Inc ACT8892 Datasheet HTML 26Page - Active-Semi, Inc ACT8892 Datasheet HTML 27Page - Active-Semi, Inc ACT8892 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 24 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
response to this interrupt the processor should first
set the FRC_ON1[ ] bit to 1, and the HBRDY[ ] bit to
1. Then the processor should de-assert PWREN
and PWRHLD, disabling REG2, REG3, REG4,
REG5, REG6 and REG7.
Waking from Hibernate mode is initiated when the
user presses the push-button again. Asserting
nPBIN enables REG1, REG2, and REG3. When
REG3 reaches its power-OK threshold, nRSTO is
asserted low, resetting the microprocessor. REG2
is enabled after REG3 reaches its power-OK
threshold for 4ms. Once the reset timer period
expires the nRSTO output is de-asserted and the
processor initiates a boot-up sequence, during
which it should determine the system status by
reading the HBRDY[ ] bit; if the value of HBRDY[ ]
is 0 then the software should proceed with a typical
enable sequence, whereas if the value of HBRDY[ ]
is 1 then the software should proceed with a “wake
from Hibernate Mode” routine. To complete the
wake process, the processor should assert
PWRHLD, holding REG1, REG2 and REG3 to
ensure that the system remains enabled after the
push-button is released then set FRC_ON1[ ] and
HBRDY[ ] to 0 to complete a full wake-up routine.
Disable Sequence
As with the enable sequence, a typical disable
sequence is initiated when the user presses the
push-button, which interrupts the processor via the
nPBSTAT output. The actual disable sequence is
completely
software-controlled,
but
typically
involved initiating various “clean-up” processes
before finally de-assert PWREN and PWRHLD,
disabling all regulators and shutting the system
down. It is important that FRC_ON1[ ] is clear to 0
prior to shutting down the system, otherwise REG1
will remain ON.
Shutdown
Sequence
Power Up Sequence
nPBIN
nPBSTAT
nRSTO
PWRHLD
PWREN
OUT4, OUT5, OUT6, OUT7
OUT1
OUT3
93% of regulation
OUT2
2ms
4ms
260ms
Figure 3:
Enable/Disable Sequence for ACT8892Q4I134-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com