Electronic Components Datasheet Search
  English  ▼

X  

ACT8892 Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 18Page - Active-Semi, Inc ACT8892 Datasheet HTML 19Page - Active-Semi, Inc ACT8892 Datasheet HTML 20Page - Active-Semi, Inc ACT8892 Datasheet HTML 21Page - Active-Semi, Inc ACT8892 Datasheet HTML 22Page - Active-Semi, Inc ACT8892 Datasheet HTML 23Page - Active-Semi, Inc ACT8892 Datasheet HTML 24Page - Active-Semi, Inc ACT8892 Datasheet HTML 25Page - Active-Semi, Inc ACT8892 Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 22 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
SYSTEM CONTROL INFORMATION
Control Signals
Enable Inputs
The ACT8892 features a variety of control inputs,
which are used to enable and disable outputs
depending upon the desired mode of operation.
PWREN, PWRHLD are logic inputs, while nPBIN is
a unique, multi-function input. Refer to Table 2 for a
description of which channels are controlled by
each input.
nPBIN Multi-Function Input
ACT8892 features the nPBIN multi-function pin,
which combines system enable/disable control with
a hardware reset function. Select either of the two
pin functions by asserting this pin, either through a
direct connection to GA, or through a 50kΩ resistor
to GA, as shown in Figure 2.
Figure 2:
nPBIN Input
Manual Reset Function
The second major function of the nPBIN input is to
provide a manual-reset input for the processor. To
manually-reset the processor, drive nPBIN directly
to GA through a low impedance (less than 2.5kΩ).
When this occurs, nRSTO immediately asserts low,
then remains asserted low until the nPBIN input is
de-asserted and the reset time-out period expires.
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the
state of the nPBIN input; nPBSTAT is asserted low
whenever nPBIN is asserted, and is high-Z
otherwise. This output is typically used as an
interrupt signal to the processor, to initiate a
software-programmable routine such as operating
mode selection or to open a menu. Connect
nPBSTAT to an appropriate supply voltage
(typically OUT2) through a 10kΩ or greater resistor.
nRSTO Output
nRSTO is an open-drain output which asserts low
upon startup or when manual reset is asserted via
the nPBIN input. When asserted on startup, nRSTO
remains low until reset time-out period expires after
OUT3 reaches its power-OK threshold. When
asserted due to manual-reset, nRSTO immediately
asserts low, then remains asserted low until the
nPBIN input is de-asserted and the reset time-out
period expires.
Connect a 10kΩ or greater pull-up resistor from
nRSTO to an appropriate voltage supply (typically
OUT1).
nIRQ Output
nIRQ is an open-drain output that asserts low any
time an interrupt is generated. Connect a 10kΩ or
greater pull-up resistor from nIRQ to an appropriate
voltage supply. nIRQ is typically used to drive the
interrupt input of the system processor.
Many of the ACT8892's functions support interrupt-
generation as a result of various conditions. These
are typically masked by default, but may be
unmasked via the I2C interface. For more
information about the available fault conditions,
refer to the appropriate sections of this datasheet.
Note that under some conditions a false interrupt
may be generated upon initial startup. For this
reason, it is recommended that the interrupt service
routine check and validate nSYSLEVMSK[-] and
nFLTMSK[-] bits before processing an interrupt
generated by these bits. These interrupts may be
validated by nSYSSTAT[-], OK[-] bits.
Push-Button Control
The ACT8892 is designed to initiate a system
enable sequence when the nPBIN multi-function
input is asserted. Once this occurs, a power-on
sequence commences, as described below. The
power-on sequence must complete and the
microprocessor must take control (by asserting
PWREN or PWRHLD) before nPBIN is de-asserted.
If the microprocessor is unable to complete its
power-up routine successfully before the user
releases
the
push-button,
the
ACT8892
automatically shuts the system down. This provides
protection
against
accidental
or
momentary
assertions of the push-button. If desired, longer
“push-and-hold” times can be implemented by
simply adding an additional time delay before
asserting PWREN or PWRHLD.
nPBIN
ACT8892
Manual
Reset
Push-Button
nPBSTAT
Manual
Reset
Detect
Push-
Button
Detect
To CPU
VDDREF
OUT2
50kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com