Electronic Components Datasheet Search
  English  ▼

X  

ACT8892 Datasheet(PDF) 17 Page - Active-Semi, Inc

Part # ACT8892
Description  Advanced Power Management Unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8892 Datasheet(HTML) 17 Page - Active-Semi, Inc

Back Button ACT8892 Datasheet HTML 13Page - Active-Semi, Inc ACT8892 Datasheet HTML 14Page - Active-Semi, Inc ACT8892 Datasheet HTML 15Page - Active-Semi, Inc ACT8892 Datasheet HTML 16Page - Active-Semi, Inc ACT8892 Datasheet HTML 17Page - Active-Semi, Inc ACT8892 Datasheet HTML 18Page - Active-Semi, Inc ACT8892 Datasheet HTML 19Page - Active-Semi, Inc ACT8892 Datasheet HTML 20Page - Active-Semi, Inc ACT8892 Datasheet HTML 21Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ACT8892
Rev 2, 01-Jul-15
Innovative PowerTM
- 17 -
www.active-semi.com
Copyright © 2015-2017 Active-Semi, Inc.
ActivePMUTM is a trademark of Active-Semi.
I2CTM is a trademark of NXP.
TYPICAL PERFORMANCE CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
VREF vs. Temperature
Frequency vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80 85
Typical Oscillator Frequency=2MHz
Typical VREF=1.2V
0.84
0.42
0
-0.42
-0.84
2.5
2
1.5
1
0.5
0
-0.5
-1
nPBIN Startup Sequence
CH1
CH2
CH3
CH1: VnPBIN, 5V/div
CH2: VOUT3, 1V/div
CH3: VOUT1, 2V/div
CH4: VOUT2, 2V/div
TIME: 1ms/div
CH4
PWRHLD Startup Sequence
CH1
CH1: VPWRHLD, 5V/div
CH2: VOUT3, 1V/div
CH3: VOUT1, 2V/div
CH4: VOUT2, 2V/div
TIME: 2.5ms/div
CH2
CH3
CH4
PWREN Sequence
CH1: VPWREN, 5V/div
CH2: VOUT4, 2V/div
CH3: VOUT5, 2V/div
CH4: VOUT6, 2V/div
CH5: VOUT7, 1V/div
TIME: 250us/div
CH1
CH2
CH3
CH5
CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com