Electronic Components Datasheet Search
  English  ▼

X  

PAC5232 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # PAC5232
Description  Power Application Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5232 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button PAC5232 Datasheet HTML 35Page - Active-Semi, Inc PAC5232 Datasheet HTML 36Page - Active-Semi, Inc PAC5232 Datasheet HTML 37Page - Active-Semi, Inc PAC5232 Datasheet HTML 38Page - Active-Semi, Inc PAC5232 Datasheet HTML 39Page - Active-Semi, Inc PAC5232 Datasheet HTML 40Page - Active-Semi, Inc PAC5232 Datasheet HTML 41Page - Active-Semi, Inc PAC5232 Datasheet HTML 42Page - Active-Semi, Inc PAC5232 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Power Application Controller
-39-
Rev 1.1
6-Jan-2018
Figure 12-2 Typical Gate Driver Connections
M
M
PAC5232
DRBx
DRHx
DRSx
DRLx
VP
VMOTOR
Table 12-1 Power Driver Resources by Part Numbers
PART
NUMBER
LOW-SIDE GATE DRIVER
HIGH-SIDE GATE DRIVER
DRLx
SOURCE/SINK CURRENT
DRHx
SOURCE/BOOTSTRAP
SUPPLY
SOURCE/SINK CURRENT
PAC5232
3
2A/2A
3
165V/180V
2A/2A
The ASPD includes built-in configurable fault protection for the internal gate drivers.
12.4
Low-Side Gate Driver
The DRLx low-side gate driver drives the gate of an external MOSFET or IGBT switch between the low-
level power ground rail and high-level VP supply rail. The DRLx output pin has sink and source output
current capability of 2A. Each low-side gate driver is controlled by a microcontroller port signal with 4
configurable levels of propagation delay.
12.5
High-Side Gate Driver
The DRHx high-side gate driver drives the gate of an external MOSFET or IGBT switch between its low-
level DRSx driver source rail and its high-level DRBx bootstrap rail. The DRSx pin can go up to 160V
steady state (VM + 15V maximum). The DRHx output pin has sink and source output current capability of
2A.
The DRBx bootstrap pin can have a maximum operating voltage of 15V relative to the DRSx pin, and up
to 175V steady state. The DRSx pin can have a maximum operating voltage of 10V relative to the VM pin.
The DRSx pin is designed to tolerate momentary switching negative spikes down to -10V without
affecting the DRHx output state. Each high-side gate driver is controlled by a microcontroller port signal
with 4 configurable levels of propagation delay.
For bootstrapped high-side operation, connect an appropriate capacitor between DRBx and DRSx and a
properly rated bootstrap diode from VP to DRBx. To operate the DRHx output as a low-side gate driver,
connect its DRBx pin to VP and its DRSx pin to VSS.
12.6
Power Drivers Control
All power drivers are initially disabled from power-on-reset. To enable the power drivers, the MCU must
first enable the ASPD block. The gate drivers are controlled by the microcontroller ports and/or PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com