Electronic Components Datasheet Search
  English  ▼

X  

PAC5232 Datasheet(PDF) 49 Page - Active-Semi, Inc

Part # PAC5232
Description  Power Application Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

PAC5232 Datasheet(HTML) 49 Page - Active-Semi, Inc

Back Button PAC5232 Datasheet HTML 45Page - Active-Semi, Inc PAC5232 Datasheet HTML 46Page - Active-Semi, Inc PAC5232 Datasheet HTML 47Page - Active-Semi, Inc PAC5232 Datasheet HTML 48Page - Active-Semi, Inc PAC5232 Datasheet HTML 49Page - Active-Semi, Inc PAC5232 Datasheet HTML 50Page - Active-Semi, Inc PAC5232 Datasheet HTML 51Page - Active-Semi, Inc PAC5232 Datasheet HTML 52Page - Active-Semi, Inc PAC5232 Datasheet HTML 53Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Power Application Controller
-49-
Rev 1.1
6-Jan-2018
15.4
Electrical Characteristics
Table 15-1 CCS Electrical Characteristics
(TA = -40C to 105C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Clock Tree (FRCLK, FCLK, ACLK, and HCLK)
fFRCLK
Free-running clock frequency
50
MHz
fFCLK
Fast clock frequency
100
MHz
fACLK
Auxiliary clock frequency
After divider
100
MHz
fHCLK
System clock frequency
After divider
50
MHz
Internal Oscillators
fROSC
Ring oscillator frequency
Frequency setting = 11b
7.5
MHz
Frequency setting = 10b
9.6
Frequency setting = 01b
13.8
Frequency setting = 00b
25.7
fTRIM
Trimmed RC oscillator
frequency
TA = 25C
3.96
4
4.05
MHz
TA = -40C to 105C
3.92
4
4.08
MHz
Trimmed RC oscillator clock
jitter
TA = -40C to 105C
0.5
%
External Clock Input (EXTCLK)
fEXTCLK
External Clock Input
Frequency
40
MHz
tHIGH;EXTCLK
External Clock High Time
10
ns
tLOW;EXTCLK
External Clock Low Time
10
ns
VIH;EXTCLK
External Clock Input high-
level input voltage
2.1
V
VIL;EXTCLK
External Clock Input low-level
input voltage
0.825
V
PLL
fINPLL
PLL input frequency range
2
25
MHz
fOUTPLL
PLL output frequency range
3.5
100
MHz
PLL setting time
0.5
ms
PLL period jitter
RMS
30
ps
Peak to peak
±150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com